Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3245 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3245
Descripción Electrónicos  300 MHz Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3245 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3245 Datasheet HTML 1Page - KR Electronics, Inc. 3245 Datasheet HTML 2Page - KR Electronics, Inc. 3245 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3245, 300 MHz Bandpass, Rev 0
KR Electronics, Inc.
KR Electronics part number 3245 is a 300 MHz Bandpass filter.
The filter has a 1.5 dB bandwidth of 50 MHz. Other bandwidths
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 300 MHz Bandpass
 50 MHz Bandwidth
 Selective Elliptic Response
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response


Número de pieza similar - 3245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ASM GmbH
3245 ASM-SENSOR-3245 Datasheet
1Mb / 2P
SOLAR HiTESTER
logo
3M Electronics
3245 3M-3245 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Heyco.
3245 HEYCO-3245 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
PCTEL, Inc.
3245.1 PCTEL-3245.1 Datasheet
253Kb / 4P
Smarteq™ Multiband Antenna Rod for 890-960MHz and 1710-2170MHz
November 2023
logo
Littelfuse
324500 LITTELFUSE-324500 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
More results

Descripción similar - 3245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
2979 KR-2979 Datasheet
95Kb / 3P
300 MHz Bandpass Filter
2979-SMA KR-2979-SMA Datasheet
71Kb / 3P
300 MHz Bandpass Filter
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3112 KR-3112 Datasheet
57Kb / 3P
300 MHz Bandpass Filter
3218-300-SMA KR-3218-300-SMA Datasheet
99Kb / 3P
300 MHz Bandpass Filter
3302 KR-3302 Datasheet
71Kb / 3P
KR Electronics part number 3302 is a 300 MHz bandpass filter
3318 KR-3318 Datasheet
80Kb / 3P
KR Electronics part number 3318 is a 300 MHz bandpass filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com