Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3244 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3244
Descripción Electrónicos  100 Hz Highpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3244 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3244 Datasheet HTML 1Page - KR Electronics, Inc. 3244 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2016, KR Electronics, Inc.
3244, Rev 0, April 23, 2014
KR Electronics, Inc.
KR Electronics part number 3244 is a 100 Hz highpass filter.
The filter has attains 40 dB min at 60 Hz. Other frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 100 Hz Highpass Filter
 40 dB min at 60 Hz
 10 K Source and Load
 BNC Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)
Frequency (Hz)
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
10
100
1000
10000
100000
s21


Número de pieza similar - 3244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
Field Measuring Instruments
logo
Heyco.
3244 HEYCO-3244 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adafruit Industries
3244 ADAFRUIT-3244 Datasheet
114Kb / 2P
Mini 3-Layer Round Robot Chassis Kit - 2WD with DC Motors
logo
Adels-Contact
324402 ADELS-324402 Datasheet
137Kb / 1P
GSK 820 H/ 2
logo
PHOENIX CONTACT
3244025 PHOENIX-3244025 Datasheet
115Kb / 9P
Mini feed-through terminal block - MSB 2,5 BU
09/12/2020
More results

Descripción similar - 3244

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2055 KR-2055 Datasheet
15Kb / 1P
Highpass Filter
2281 KR-2281 Datasheet
21Kb / 1P
Highpass Filter
2290-35-SMA KR-2290-35-SMA Datasheet
47Kb / 2P
Highpass Filter
2357 KR-2357 Datasheet
15Kb / 1P
Highpass Filter
2432-30-SMA KR-2432-30-SMA Datasheet
47Kb / 2P
Highpass Filter
2432-50 KR-2432-50 Datasheet
399Kb / 2P
Highpass Filter
2432-500-SMA KR-2432-500-SMA Datasheet
47Kb / 2P
Highpass Filter
2583 KR-2583 Datasheet
21Kb / 2P
Highpass Filter
2902 KR-2902 Datasheet
84Kb / 2P
Highpass Filter
3072-BNC KR-3072-BNC Datasheet
37Kb / 2P
100 KHz Highpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com