Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3243 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3243
Descripción Electrónicos  374 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3243 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3243 Datasheet HTML 1Page - KR Electronics, Inc. 3243 Datasheet HTML 2Page - KR Electronics, Inc. 3243 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2015, KR Electronics, Inc.
3243, Rev 0
General Description
KR Electronics, Inc.
KR Electronics part number 3243 is a 374 MHz bandpass
filter. The filter has a minimum 1 dB bandwidth of 452 MHz.
Other center frequencies and bandwidths are available.
Please consult the factory.
KR Electronics, Inc.
Features
 374 MHz Bandpass Filter
 1 dB Bandwidth 530 MHz typical
 40 dB Bandwidth 660 MHz max
 Sharp Elliptic Type Design
 50  Source and Load
 Surface Mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3243

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
3243 MOLEX-3243 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
Heyco.
3243 HEYCO-3243 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Alpha Wire
3243 ALPHAWIRE-3243 Datasheet
407Kb / 4P
18 (19/30) AWG Tinned Copper
logo
KR Electronics, Inc.
3243-SMA KR-3243-SMA Datasheet
99Kb / 3P
374 MHz Bandpass Filter
logo
Analog Intergrations Co...
324370 AIC-324370 Datasheet
369Kb / 24P
STRATO-THERM Terminals & Splices for High Temperature Applications
More results

Descripción similar - 3243

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
855898 TRIQUINT-855898 Datasheet
536Kb / 5P
374 MHz SAW Filter
855653 TRIQUINT-855653 Datasheet
603Kb / 5P
374 MHz SAW Filter
856187 TRIQUINT-856187 Datasheet
604Kb / 5P
374 MHz SAW Filter
856278 TRIQUINT-856278 Datasheet
611Kb / 5P
374 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0374BA02518S ICST-SF0374BA02518S Datasheet
125Kb / 3P
374 MHz IF SAW Filter 17 MHz Bandwidth
Rev X2
logo
TAI-SAW TECHNOLOGY CO.,...
TB0530A TAI-SAW-TB0530A Datasheet
270Kb / 7P
IF SAW Filter 374 MHz (SMD 5.0mmX5.0mm)
logo
TriQuint Semiconductor
855653 TRIQUINT-855653_15 Datasheet
632Kb / 5P
374 MHz SAW Filter
855898 TRIQUINT-855898_15 Datasheet
611Kb / 5P
374 MHz SAW Filter
856466 TRIQUINT-856466_15 Datasheet
562Kb / 5P
374 MHz SAW Filter
logo
KR Electronics, Inc.
3243-SMA KR-3243-SMA Datasheet
99Kb / 3P
374 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com