Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3236 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3236
Descripción Electrónicos  60 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3236 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3236 Datasheet HTML 1Page - KR Electronics, Inc. 3236 Datasheet HTML 2Page - KR Electronics, Inc. 3236 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2015, KR Electronics, Inc.
3236, Rev 0
KR Electronics, Inc.
KR Electronics part number 3236 is a 60 MHz bandpass filter.
The filter is designed to be a compromise between good pulse
response and selective frequency response. The filter has a
minimum 3 dB bandwidth of 8 MHz. Other center frequencies
and bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 60 MHz Bandpass Filter
 Optimized for Pulse Response
 3 dB Bandwidth 8 MHz min
 50  Source and Load
 Surface Mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3236

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
3236 ETC2-3236 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Peregrine Semiconductor...
3236-00 PEREGRINE-3236-00 Datasheet
252Kb / 15P
2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
3236-21 PEREGRINE-3236-21 Datasheet
252Kb / 15P
2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
3236-22 PEREGRINE-3236-22 Datasheet
252Kb / 15P
2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
logo
Analog Intergrations Co...
323672 AIC-323672 Datasheet
369Kb / 24P
STRATO-THERM Terminals & Splices for High Temperature Applications
More results

Descripción similar - 3236

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2807 KR-2807 Datasheet
371Kb / 2P
60 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2915 KR-2915 Datasheet
62Kb / 2P
60 MHz elliptic bandpass filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com