| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F877ATI/P Datasheet(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877ATI/P Datasheet(HTML) 38 Page - Microchip Technology |
|
38 / 234 page ![]() PIC16F87XA DS39582B-page 36 2003 Microchip Technology Inc. 3.5 Reading Flash Program Memory To read a program memory location, the user must write two bytes of the address to the EEADR and EEADRH registers, set the EEPGD control bit (EECON1<7>) and then set control bit RD (EECON1<0>). Once the read control bit is set, the program memory Flash controller will use the next two instruction cycles to read the data. This causes these two instructions immediately follow- ing the “BSF EECON1,RD ” instruction to be ignored. The data is available in the very next cycle in the EEDATA and EEDATH registers; therefore, it can be read as two bytes in the following instructions. EEDATA and EEDATH registers will hold this value until another read or until it is written to by the user (during a write operation). EXAMPLE 3-3: FLASH PROGRAM READ BSF STATUS, RP1 ; BCF STATUS, RP0 ; Bank 2 MOVLW MS_PROG_EE_ADDR ; MOVWF EEADRH ; MS Byte of Program Address to read MOVLW LS_PROG_EE_ADDR ; MOVWF EEADR ; LS Byte of Program Address to read BSF STATUS, RP0 ; Bank 3 BSF EECON1, EEPGD ; Point to PROGRAM memory BSF EECON1, RD ; EE Read ; NOP NOP ; Any instructions here are ignored as program ; memory is read in second cycle after BSF EECON1,RD ; BCF STATUS, RP0 ; Bank 2 MOVF EEDATA, W ; W = LS Byte of Program EEDATA MOVWF DATAL ; MOVF EEDATH, W ; W = MS Byte of Program EEDATA MOVWF DATAH ; |