Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H11L2SLT2 Datasheet(PDF) 1 Page - CT Micro International Corporation

No. de pieza H11L2SLT2
Descripción Electrónicos  Schmitt Trigger Output 6-Pin Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTMICRO [CT Micro International Corporation]
Página de inicio  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

H11L2SLT2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  H11L2SLT2 Datasheet HTML 1Page - CT Micro International Corporation H11L2SLT2 Datasheet HTML 2Page - CT Micro International Corporation H11L2SLT2 Datasheet HTML 3Page - CT Micro International Corporation H11L2SLT2 Datasheet HTML 4Page - CT Micro International Corporation H11L2SLT2 Datasheet HTML 5Page - CT Micro International Corporation H11L2SLT2 Datasheet HTML 6Page - CT Micro International Corporation H11L2SLT2 Datasheet HTML 7Page - CT Micro International Corporation H11L2SLT2 Datasheet HTML 8Page - CT Micro International Corporation H11L2SLT2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Mar, 2014
H11L1, H11L2, H11L3
Schmitt Trigger Output 6-Pin Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
•
•
•
•
High isolation 5000 VRMS
•
•
•
•
DC input with Schmitt Trigger output
•
•
•
•
1MHz(NRZ) data rate
•
•
•
•
Temperature range - 55 °C to 100 °C
Applications
•
•
•
•
Line Receiver
•
•
•
•
Logic to Logic Isolator
•
•
•
•
Microprocessor system interface
•
•
•
•
AC to TTL conversion
Description
The H11L1, H11L2 and H11L3 series consist of a
Schmitt Trigger optically coupled to a gallium
arsenide Infrared-emitting diode in a 6-lead DIP
package with different lead forming options.


Número de pieza similar - H11L2SLT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
H11L2S(TA).(TB)-V EVERLIGHT-H11L2S(TA).(TB)-V Datasheet
297Kb / 11P
6 PIN DIP PHOTO COUPLER
H11L2S1(TA).(TB)-V EVERLIGHT-H11L2S1(TA).(TB)-V Datasheet
297Kb / 11P
6 PIN DIP PHOTO COUPLER
logo
Fairchild Semiconductor
H11L2SM FAIRCHILD-H11L2SM Datasheet
516Kb / 9P
6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
H11L2SR2M FAIRCHILD-H11L2SR2M Datasheet
516Kb / 9P
6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
H11L2SR2VM FAIRCHILD-H11L2SR2VM Datasheet
516Kb / 9P
6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
More results

Descripción similar - H11L2SLT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE3090 NTE-NTE3090 Datasheet
22Kb / 2P
Optoisolator Schmitt Trigger Output
logo
List of Unclassifed Man...
H11L1 ETC1-H11L1 Datasheet
584Kb / 12P
6-PIN DIP PHOTOCOUPLER SCHMITT TRIGGER
logo
Solid State Optronic
SDS6011 SSOUSA-SDS6011 Datasheet
433Kb / 8P
Schmitt Trigger Optocoupler
logo
Everlight Electronics C...
H11LX EVERLIGHT-H11LX_13 Datasheet
696Kb / 11P
6 PIN DIP SCHMITT TRIGGER PHOTOCOUPLER
May 13, 2013
H11LX EVERLIGHT-H11LX_14 Datasheet
695Kb / 11P
6 PIN DIP SCHMITT TRIGGER PHOTOCOUPLER
logo
ON Semiconductor
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
logo
Vishay Siliconix
VOH1016AG VISHAY-VOH1016AG Datasheet
219Kb / 12P
High Speed Optocoupler, 1 MBd, Schmitt Trigger
06-Mar-2019
VOH1016AG VISHAY-VOH1016AG_V01 Datasheet
214Kb / 12P
High Speed Optocoupler, 1 MBd, Schmitt Trigger
19-Aug-2021
logo
Skyworks Solutions Inc.
OLS600 SKYWORKS-OLS600 Datasheet
282Kb / 6P
Hermetic Surface Mount, High-Speed Schmitt Trigger Optocoupler
June 22, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com