| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CTS452VT1 Datasheet(PDF) 13 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CTS452VT1 Datasheet(HTML) 13 Page - CT Micro International Corporation |
|
13 / 14 page ![]() CT Micro Rev.1 Proprietary & Confidential Page 13 May, 2015 CTS452, CTS453 SDIP-6 1 Mbit/s High Speed Transistor Coupler Reflow Profile Profile Feature Pb-Free Assembly Profile Temperature Min. (Tsmin) 150°C Temperature Max. (Tsmax) 200°C Time (ts) from (Tsmin to Tsmax) 60-120 seconds Ramp-up Rate (tL to tP) 3°C/second max. Liquidous Temperature (TL) 217°C Time (tL) Maintained Above (TL) 60 – 150 seconds Peak Body Package Temperature 260°C +0°C / -5°C Time (tP) within 5°C of 260°C 30 seconds Ramp-down Rate (TP to TL) 6°C/second max Time 25°C to Peak Temperature 8 minutes max. |