| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSD7342-252ML_ Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
MSD7342-252ML_ Datasheet(HTML) 1 Page - Coilcraft lnc. |
|
1 / 3 page ![]() Specifications subject to change without notice. Please check our website for latest information. Document 621-1 Document 621-1 Revised 11/09/15 CoupledInductors MSD7342 Dimensions are in inches mm For Flyback, SEPIC, Zeta and other Applications • Tightcoupling(k ≥0.97)and200VisolationmaketheMSD7342 series of coupled inductors ideal for use in a variety of circuits including flyback, multi-output buck and SEPIC. • They provide high inductance, high efficiency and excellent current handling in a rugged, low cost part. • Can also be used as two single inductors connected in series or parallel, as a common mode choke or as a 1 : 1 transformer. 0.295 7,5 max 0.295 7,5 max max Dot indicates pin 1 0.028 0,7 0.181 4,6 123 0.110 2,8 0.083 2,1 0.130 3,3 0.043 1,10 1 4 2 3 3 1 2 4 L1 L2 Recommended Land Pattern 0.150 3,8 0.091 2,3 0.063 1,6 1 4 2 3 If board traces are runin these areas, consider masking them to prevent shorting. L1 L2 + + – – D C C Typical Flyback Converter VOUT VIN SW L1 L2 ++ + –– – D D C C SW Typical Buck Converter with auxiliary output VOUT VOUT AUX VIN Typical Zeta schematic VOUT VIN L1 L2 Q C1 CC ++ –– D Typical SEPIC schematic VOUT VIN L1 L2 Q C1 C C ++ –– D |
Número de pieza similar - MSD7342-252ML_ |
|
Descripción similar - MSD7342-252ML_ |