Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CTM452VT1 Datasheet(PDF) 11 Page - CT Micro International Corporation

No. de pieza CTM452VT1
Descripción Electrónicos  5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTMICRO [CT Micro International Corporation]
Página de inicio  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM452VT1 Datasheet(HTML) 11 Page - CT Micro International Corporation

Back Button CTM452VT1 Datasheet HTML 4Page - CT Micro International Corporation CTM452VT1 Datasheet HTML 5Page - CT Micro International Corporation CTM452VT1 Datasheet HTML 6Page - CT Micro International Corporation CTM452VT1 Datasheet HTML 7Page - CT Micro International Corporation CTM452VT1 Datasheet HTML 8Page - CT Micro International Corporation CTM452VT1 Datasheet HTML 9Page - CT Micro International Corporation CTM452VT1 Datasheet HTML 10Page - CT Micro International Corporation CTM452VT1 Datasheet HTML 11Page - CT Micro International Corporation CTM452VT1 Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CT Micro
Rev.1
Proprietary & Confidential
Page 11
May, 2015
CTM452, CTM453
5 Pin Mini-Flat
1 Mbit/s High Speed Transistor Coupler
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60 – 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12