Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT2528 Datasheet(PDF) 3 Page - Richtek Technology Corporation

No. de pieza RT2528
Descripción Electrónicos  Power Switch with Adjustable Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2528 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT2528 Datasheet HTML 1Page - Richtek Technology Corporation RT2528 Datasheet HTML 2Page - Richtek Technology Corporation RT2528 Datasheet HTML 3Page - Richtek Technology Corporation RT2528 Datasheet HTML 4Page - Richtek Technology Corporation RT2528 Datasheet HTML 5Page - Richtek Technology Corporation RT2528 Datasheet HTML 6Page - Richtek Technology Corporation RT2528 Datasheet HTML 7Page - Richtek Technology Corporation RT2528 Datasheet HTML 8Page - Richtek Technology Corporation RT2528 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT2528
3
DS2528-03 November 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
(VIN = 5V, TA =
−40°C to 85°C, unless otherwise specified)
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Current
ISHDN
VEN = 0V, IOUT = 0A
--
1
5
A
Quiescent Current
IQ
IOUT = 0A
--
120
300
A
Logic-High
VIH
1.2
--
--
EN Input
Voltage
Logic-Low
VIL
--
--
0.4
V
EN Input Current
IEN
VIN = 5.5V VEN = 0V or 5.5V
--
0.02
0.5
A
Current Limit Setting
Resistor Range
RILIM
10
--
65
k
Reverse Leakage Current
IREV
VOUT = 5V, VIN = 0V
--
1
10
A
Thermal Shutdown
Threshold
TSD
--
160
--
°C
Static Drain-Source
On-State Resistance
RDS(ON)
IOUT = 0.2A
--
74
120
m
Reverse Voltage
Comparator Trip Point
IREV_HYS
VOUT  VIN
100
135
300
mV
RILIM = 13k
1800
2000
2200
RILIM = 13k, TA = 25°C
1840
2000
2160
Current Limit
ILIM
RILIM = 49.9k
468
520
572
mA
FAULT Deglitch
FAULT assertion or de-assertion due to
over-current condition
2
7.5
14
ms
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------------
−0.3V to 6V
Other Pins-------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) --------------------------------------------------------------------------------------------------- 2.041W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------------- 49°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------------- 8°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 2.5V to 5.5V
Temperature Range Junction --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com