Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMV1500MF5 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza DMV1500MF5
Descripción Electrónicos  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500MF5 Datasheet(HTML) 3 Page - STMicroelectronics

  DMV1500MF5 Datasheet HTML 1Page - STMicroelectronics DMV1500MF5 Datasheet HTML 2Page - STMicroelectronics DMV1500MF5 Datasheet HTML 3Page - STMicroelectronics DMV1500MF5 Datasheet HTML 4Page - STMicroelectronics DMV1500MF5 Datasheet HTML 5Page - STMicroelectronics DMV1500MF5 Datasheet HTML 6Page - STMicroelectronics DMV1500MF5 Datasheet HTML 7Page - STMicroelectronics DMV1500MF5 Datasheet HTML 8Page - STMicroelectronics DMV1500MF5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
DMV1500M
3/9
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
tfr
Forward recovery time
IF =6A
dIF/dt = 80A/
µs
VFR =3V
Tj = 100°C
570
ns
VFP
Peak forward voltage
IF =6A
dIF/dt = 80A/
µs
Tj = 100°C
21
28
V
TURN-ON SWITCHING CHARACTERISTICS OF THE DAMPER DIODE
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
trr
Reverse recovery time
IF = 100mA
IR = 100mA
IRR = 10mA
Tj = 25°C
110
350
ns
trr
Reverse recovery time
IF =1A
dIF/dt = -50A/
µs
VR = 30V
Tj = 25°C
50
ns
RECOVERY CHARACTERISTICS OF THE MODULATION DIODE
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
tfr
Forward recovery time
IF =3A
dIF/dt = 80A/
µs
VFR =2V
Tj = 100°C
240
ns
VFP
Peak forward voltage
IF =3A
dIF/dt = 80A/
µs
Tj = 100°C
8V
TURN-ON SWITCHING CHARACTERISTICS OF THE MODULATION DIODE



Html Pages

1 2 3 4 5 6 7 8 9