Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GB01SHT12-CAU Datasheet(PDF) 3 Page - GeneSiC Semiconductor, Inc.

No. de pieza GB01SHT12-CAU
Descripción Electrónicos  High Temperature Silicon Carbide Power Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GB01SHT12-CAU Datasheet(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  GB01SHT12-CAU_15 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GB01SHT12-CAU_15 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GB01SHT12-CAU_15 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GB01SHT12-CAU_15 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GB01SHT12-CAU_15 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
Die Datasheet
GB01SHT12-CAU 
Feb 2015
http://www.genesicsemi.com/high-temperature-sic/high-temperature-sic-bare-die/
   
Pg 3 of 4
 
Mechanical Parameters
Die Dimensions
0.9 x 0.9
mm
2
Anode pad size
0.64 x 0.64
Die Area total / active
0.81/0.36
Die Thickness
360
µm
Wafer Size
100
mm
Flat Position
0
deg
Die Frontside Passivation
Polyimide
Anode Pad Metallization
400 nm Ni + 200 nm Au
Backside Cathode Metallization
400 nm Ni + 200 nm Au
Die Attach
Electrically conductive glue or solder
Wire Bond
Au ≤ 76 µm
Reject ink dot size
Φ ≥ 0.3 mm
Recommended storage environment
Store in original container, in dry nitrogen,
< 6 months at an ambient temperature of 23 °C
Chip Dimensions:
DIE
A
[mm]
0.9
B
[mm]
0.9
METAL
C
[mm]
0.64
D
[mm]
0.64
WIRE
BONDABLE
E
[mm]
0.6
F
[mm]
0.6



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com