| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-SC583 Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 168 page ![]() Preliminary Technical Data Rev. PrF | Page 35 of 168 | February 2016 ADSP-SC582/583/584/587/589/ADSP-21583/584/587 GND Ground Not Muxed GND VDD_EXT External Voltage Domain Not Muxed VDD_EXT VDD_INT Internal Voltage Domain Not Muxed VDD_INT SINC0_CLK0 SINC0 Clock 0 B PB_01 SINC0_D0 SINC0 Data 0 A PA_14 SINC0_D1 SINC0 Data 1 A PA_15 SINC0_D2 SINC0 Data 2 B PB_00 SINC0_D3 SINC0 Data 3 B PB_04 SMC0_A01 SMC0 Address 1 B PB_05 SMC0_A02 SMC0 Address 2 B PB_06 SMC0_A03 SMC0 Address 3 B PB_03 SMC0_A04 SMC0 Address 4 B PB_02 SMC0_A05 SMC0 Address 5 D PD_13 SMC0_A06 SMC0 Address 6 D PD_12 SMC0_A07 SMC0 Address 7 B PB_01 SMC0_A08 SMC0 Address 8 B PB_00 SMC0_A09 SMC0 Address 9 A PA_15 SMC0_A10 SMC0 Address 10 A PA_14 SMC0_A11 SMC0 Address 11 A PA_09 SMC0_A12 SMC0 Address 12 A PA_08 SMC0_A13 SMC0 Address 13 A PA_13 SMC0_A14 SMC0 Address 14 A PA_12 SMC0_A15 SMC0 Address 15 A PA_11 SMC0_A16 SMC0 Address 16 A PA_07 SMC0_A17 SMC0 Address 17 A PA_06 SMC0_A18 SMC0 Address 18 A PA_05 SMC0_A19 SMC0 Address 19 A PA_04 SMC0_A20 SMC0 Address 20 A PA_01 SMC0_A21 SMC0 Address 21 A PA_00 SMC0_A22 SMC0 Address 22 A PA_10 SMC0_A23 SMC0 Address 23 A PA_03 SMC0_A24 SMC0 Address 24 A PA_02 SMC0_A25 SMC0 Address 25 C PC_12 SMC0_ABE0 SMC0 Byte Enable 0 E PE_14 SMC0_ABE1 SMC0 Byte Enable 1 E PE_15 SMC0_AMS0 SMC0 Memory Select 0 C PC_15 SMC0_AMS1 SMC0 Memory Select 1 E PE_13 SMC0_AMS2 SMC0 Memory Select 2 C PC_07 SMC0_AMS3 SMC0 Memory Select 3 C PC_08 SMC0_AOE SMC0 Output Enable D PD_01 SMC0_ARDY SMC0 Asynchronous Ready B PB_04 SMC0_ARE SMC0 Read Enable C PC_00 SMC0_AWE SMC0 Write Enable B PB_15 SMC0_D00 SMC0 Data 0 E PE_12 SMC0_D01 SMC0 Data 1 E PE_11 SMC0_D02 SMC0 Data 2 E PE_10 SMC0_D03 SMC0 Data 3 E PE_09 SMC0_D04 SMC0 Data 4 E PE_00 Table 12. ADSP-SC58x/ADSP-2158x 349-Ball CSP_BGA Signal Descriptions (Continued) Signal Name Description Port Pin Name |