Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5551 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza 2N5551
Descripción Electrónicos  NPN high-voltage transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5551 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N5551 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5551 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2N5551
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10mA; IB= 1mA
0.15
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 50mA; IB= 5mA
0.2
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 10mA; IB= 1mA
1.0
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 50mA; IB= 5mA
1.0
V
ICBO
Collector Cutoff Current
VCB= 120V; IE= 0
VCB= 120V; IE= 0 Ta = 100 ℃
50
50
nA
uA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
50
nA
hFE
DC Current Gain
IC= 1mA ; VCE= 5V
80
hFE
DC Current Gain
IC= 10mA ; VCE= 5V
80
250
hFE
DC Current Gain
IC= 50mA ; VCE= 5V
30
fT
Current-Gain—Bandwidth Product
IC= 10mA ; VCE= 10V
100
300
MHz



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com