Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC1122 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza HMC1122
Descripción Electrónicos  0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

HMC1122 Datasheet(HTML) 5 Page - Analog Devices

  HMC1122 Datasheet HTML 1Page - Analog Devices HMC1122 Datasheet HTML 2Page - Analog Devices HMC1122 Datasheet HTML 3Page - Analog Devices HMC1122 Datasheet HTML 4Page - Analog Devices HMC1122 Datasheet HTML 5Page - Analog Devices HMC1122 Datasheet HTML 6Page - Analog Devices HMC1122 Datasheet HTML 7Page - Analog Devices HMC1122 Datasheet HTML 8Page - Analog Devices HMC1122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
HMC1122
Rev. 0 | Page 5 of 15
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
RF Input Power, P
IN (TCASE = 85°C)
25 dBm
Supply Voltage
−0.3 V to +5.5 V
Digital Control Input Voltage
−0.3 V to V
DD + 0.5 V
Continuous Power Dissipation, P
DISS
0.31 W
Junction to Case Thermal Resistance, θ
JC
(at Maximum Power Dissipation)
156°C/W
Temperature
Junction, T
J
135°C
Storage
−65°C to +150°C
Reflow
260°C (MSL3 Rating)
ESD Sensitivity
Human Body Model (HBM)
2 kV (Class 2)
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any one
time.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com