Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZMM24 Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

No. de pieza ZMM24
Descripción Electrónicos  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OLITECH [Olitech Electronics Co.Ltd]
Página de inicio  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

ZMM24 Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  ZMM24 Datasheet HTML 1Page - Olitech Electronics Co.Ltd ZMM24 Datasheet HTML 2Page - Olitech Electronics Co.Ltd ZMM24 Datasheet HTML 3Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page:P3-P2
Glass-Encapsulate Diodes
1) Tested with pulses tp = 20 ms.
2) The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect
the cathode
Type
Zener Voltage Range 1)
Dynamic Resistance
Reverse Leakage Current
Temp. Coefficient
of Zener Voltage
VZnom
VZ
T
at lZT
ZZT
ZZK
at IZK Ta = 25 OC
o
Ta = 125
C
at VR
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max. (µA)
Max. (µA)
(V)
TKvz (%/K)
ZMM2V0
2
1.8...2.15
5
85
600
1
100
200
1
-0.09...-0.06
ZMM2V2
2.2
2.08...2.33
5
85
600
1
75
160
1
-0.09...-0.06
ZMM2V4
2.4
2.28...2.56
5
85
600
1
50
100
1
-0.09...-0.06
ZMM2V7
2.7
2.5...2.9
5
85
600
1
10
50
1
-0.09...-0.06
ZMM3V0
3
2.8...3.2
5
85
600
1
4
40
1
-0.08...-0.05
ZMM3V3
3.3
3.1...3.5
5
85
600
1
2
40
1
-0.08...-0.05
ZMM3V6
3.6
3.4...3.8
5
85
600
1
2
40
1
-0.08...-0.05
ZMM3V9
3.9
3.7...4.1
5
85
600
1
2
40
1
-0.08...-0.05
ZMM4V3
4.3
4...4.6
5
75
600
1
1
20
1
-0.06...-0.03
ZMM4V7
4.7
4.4...5
5
60
600
1
0.5
10
1
-0.05...+0.02
ZMM5V1
5.1
4.8...5.4
5
35
550
1
0.1
2
1
-0.02...+0.02
ZMM5V6
5.6
5.2...6
5
25
450
1
0.1
2
1
-0.05...+0.05
ZMM6V2
6.2
5.8...6.6
5
10
200
1
0.1
2
2
0.03...0.06
ZMM6V8
6.8
6.4...7.2
5
8
150
1
0.1
2
3
0.03...0.07
ZMM7V5
7.5
7...7.9
5
7
50
1
0.1
2
5
0.03...0.07
ZMM8V2
8.2
7.7...8.7
5
7
50
1
0.1
2
6.2
0.03...0.08
ZMM9V1
9.1
8.5...9.6
5
10
50
1
0.1
2
6.8
0.03...0.09
ZMM10
10
9.4...10.6
5
15
70
1
0.1
2
7.5
0.03...0.1
ZMM11
11
10.4...11.6
5
20
70
1
0.1
2
8.2
0.03...0.11
ZMM12
12
11.4...12.7
5
20
90
1
0.1
2
9.1
0.03...0.11
ZMM13
13
12.4...14.1
5
26
110
1
0.1
2
10
0.03...0.11
ZMM15
15
13.8...15.6
5
30
110
1
0.1
2
11
0.03...0.11
ZMM16
16
15.3...17.1
5
40
170
1
0.1
2
12
0.03...0.11
ZMM18
18
16.8...19.1
5
50
170
1
0.1
2
13
0.03...0.11
ZMM20
20
18.8...21.2
5
55
220
1
0.1
2
15
0.03...0.11
ZMM22
22
20.8...23.3
5
55
220
1
0.1
2
16
0.04...0.12
ZMM24
24
22.8...25.6
5
80
220
1
0.1
2
18
0.04...0.12
ZMM27
27
25.1...28.9
5
80
220
1
0.1
2
20
0.04...0.12
ZMM30
30
28...32
5
80
220
1
0.1
2
22
0.04...0.12
ZMM33
33
31...35
5
80
220
1
0.1
2
24
0.04...0.12
ZMM36
36
34...38
5
80
220
1
0.1
2
27
0.04...0.12
ZMM39
39
37...41
2.5
90
500
0.5
0.1
5
30
0.04...0.12
ZMM43
43
40...46
2.5
90
500
0.5
0.1
5
33
0.04...0.12
ZMM47
47
44...50
2.5
110
600
0.5
0.1
5
36
0.04...0.12
ZMM51
51
48...54
2.5
125
700
0.5
0.1
10
39
0.04...0.12
ZMM56
56
52...60
2.5
135
700
0.5
0.1
10
43
0.04...0.12
ZMM62
62
58...66
2.5
150
1000
0.5
0.1
10
47
0.04...0.12
ZMM68
68
64...72
2.5
200
1000
0.5
0.1
10
51
0.04...0.12
ZMM75
75
70...79
2.5
250
1000
0.5
0.1
10
56
0.04...0.12
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.
ZMM2V0--ZMM75 (BZV55C)



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com