Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

No. de pieza SMBJ
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OLITECH [Olitech Electronics Co.Ltd]
Página de inicio  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

SMBJ Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  SMBJ Datasheet HTML 1Page - Olitech Electronics Co.Ltd SMBJ Datasheet HTML 2Page - Olitech Electronics Co.Ltd SMBJ Datasheet HTML 3Page - Olitech Electronics Co.Ltd SMBJ Datasheet HTML 4Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UNI BI
MIN
MAX
SMBJ5.0A SMBJ5.0CA KE
AE 5
6.4
7
10
9.2
65.3
800
SMBJ6.0A SMBJ6.0CA KG AG 6
6.67
7.37
10
10.3
58.3
800
SMBJ6.5A SMBJ6.5CA KK AK 6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7.0A SMBJ7.0CA KM AM 7
7.78
8.6
10
12
50
200
SMBJ7.5A SMBJ7.5CA KP
AP 7.5
8.33
9.21
1
12.9
46.6
100
SMBJ8.0A SMBJ8.0CA KR AR 8
8.89
9.83
1
13.6
44.2
50
SMBJ8.5A SMBJ8.5CA KT
AT 8.5
9.44
10.4
1
14.4
41.7
20
SMBJ9.0A SMBJ9.0CA KV AV 9
10
11.1
1
15.4
39
10
SMBJ10A
SMBJ10CA KX AX 10
11.1
12.3
1
17
35.3
5
SMBJ11A
SMBJ11CA KZ
AZ 11
12.2
13.5
1
18.2
33
5
SMBJ12A
SMBJ12CA LE
BE 12
13.3
14.7
1
19.9
30.2
5
SMBJ13A
SMBJ13CA LG
BG 13
14.4
15.9
1
21.5
28
5
SMBJ14A
SMBJ14CA LK
BK 14
15.6
17.2
1
23.2
25.9
5
SMBJ15A
SMBJ15CA LM BM 15
16.7
18.5
1
24.4
24.6
5
SMBJ16A
SMBJ16CA LP
BP
16
17.8
19.7
1
26
23.1
5
SMBJ17A
SMBJ17CA LR
BR 17
18.9
20.9
1
27.6
21.8
5
SMBJ18A
SMBJ18CA LT
BT 18
20
22.1
1
29.2
20.6
5
SMBJ20A
SMBJ20CA LV
BV 20
22.2
24.5
1
32.4
18.6
5
SMBJ22A
SMBJ22CA LX
BX 22
24.4
26.9
1
35.5
16.9
5
SMBJ24A
SMBJ24CA LZ
BZ 24
26.7
29.5
1
38.9
15.5
5
SMBJ26A
SMBJ26CA ME CE 26
28.9
31.9
1
42.1
14.3
5
SMBJ28A
SMBJ28CA MG CG 28
31.1
34.4
1
45.4
13.3
5
SMBJ30A
SMBJ30CA MK CK 30
33.3
36.8
1
48.4
12.4
5
SMBJ33A
SMBJ33CA MM CM 33
36.7
40.6
1
53.3
11.3
5
SMBJ36A
SMBJ36CA MP CP
36
40
44.2
1
58.1
10.4
5
SMBJ40A
SMBJ40CA MR CR 40
44.4
49.1
1
64.5
9.3
5
SMBJ43A
SMBJ43CA MT CT 43
47.8
52.8
1
69.4
8.7
5
SMBJ45A
SMBJ45CA MV CV 45
50
55.3
1
72.7
8.3
5
SMBJ48A
SMBJ48CA MX CX 48
53.3
58.9
1
77.4
7.8
5
SMBJ51A
SMBJ51CA MZ CZ 51
56.7
62.7
1
82.4
7.3
5
SMBJ54A
SMBJ54CA NE
DE 54
60
66.3
1
87.1
6.9
5
SMBJ58A
SMBJ58CA NG DG 58
64.4
71.2
1
93.6
6.5
5
SMBJ60A
SMBJ60CA NK DK 60
66.7
73.7
1
96.8
6.2
5
SMBJ64A
SMBJ64CA NM DM 64
71.1
78.6
1
103
5.9
5
SMBJ70A
SMBJ70CA NP
DP 70
77.8
86
1
113
5.3
5
SMBJ75A
SMBJ75CA NR DR 75
83.3
92.1
1
121
5
5
Maximum
Reverse
Leakage
IR @ VR
(μA)
Breakdown
Voltage
VBR
(Volts) @
IT
Test
Current
IT (mA)
Maximum
Clampin
g
Voltage
VC @ IPP
(Volts)
Maximum
Peak
Pulse
Current
IPP
(A)
Device
Marking
Code
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage
VR
(Volts)
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.
Page: P4 - P2



Html Pages

1 2 3 4