| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MB91F528M Datasheet(PDF) 16 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528M Datasheet(HTML) 16 Page - SPANSION |
|
16 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 13 CONFIDENTIAL MB91F527Y MB91F528Y ECC Flash/WorkFlash Yes ECC RAM Yes Memory Protection Function (MPU) Yes Floating-point arithmetic (FPU) Yes Real Time Clock (RTC) Yes General-purpose port (#GPIOs) 219 ports (no sub clock) / 217 ports (with sub clock) SSCG Yes Sub clock Yes CR oscillator Yes NMI request function Yes OCD(On Chip Debug) Yes TPU (Timing Protection Unit) Yes Key Code Register Yes Wave Generator 6 channels Tuning RAM None Yes JTAG Yes Operation guaranteed temperature (Ta) -40°C to +125°C Power supply 2.7 V to 5.5 V VCCE = 5.0 V±10% or VCCE = 3.0 V to 3.6 V (VCCE: See pin assignment) (External bus I/F: 3.0 V to 3.6 V) Package BGA-416 |