Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F528R Datasheet(PDF) 237 Page - SPANSION

No. de pieza MB91F528R
Descripción Electrónicos  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528R Datasheet(HTML) 237 Page - SPANSION

Back Button MB91F528R Datasheet HTML 233Page - SPANSION MB91F528R Datasheet HTML 234Page - SPANSION MB91F528R Datasheet HTML 235Page - SPANSION MB91F528R Datasheet HTML 236Page - SPANSION MB91F528R Datasheet HTML 237Page - SPANSION MB91F528R Datasheet HTML 238Page - SPANSION MB91F528R Datasheet HTML 239Page - SPANSION MB91F528R Datasheet HTML 240Page - SPANSION MB91F528R Datasheet HTML 241Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 237 / 241 page
background image
D at aS h ee t
176-pin plastic TEQFP
Lead pitch
0.50 mm
Package width ×
package length
24.00 mm × 24.00 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm Max.
Weight
1.86 g
Code
(Reference)
P-TEQFP176-24×24-0.50
176-pin plastic TEQFP
(FPT-176P-M18)
(FPT-176P-M18)
0.22±0.05
(.009±.002)
*24.00±0.10(.945±.004) SQ
26.00±0.20(1.024±.008) SQ
0.145±0.055
1.50
(.059
)
0
˚~8˚
0.25(.010)
0.10±0.10
(.004±.004)
INDEX
Details of "A" part
(.020)
0.60±0.15
(.024±.006)
"A"
0.50
1
44
88
45
132
89
176
133
(.006±.002)
M
0.08(.003)
0.08(.003)
(9.26(.365) SQ)
C
2013 FUJITSU SEMICONDUCTOR LIMITED HMbF176-18Sc-1-1
0.50±0.20
(.020±.008)
(8.06(.317) SQ)
(Mounting height)
(STAND OFF)
+0.20
-0.10
+.008
-.004
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/package/en-search/
234
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com