Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F528R Datasheet(PDF) 236 Page - SPANSION

No. de pieza MB91F528R
Descripción Electrónicos  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528R Datasheet(HTML) 236 Page - SPANSION

Back Button MB91F528R Datasheet HTML 232Page - SPANSION MB91F528R Datasheet HTML 233Page - SPANSION MB91F528R Datasheet HTML 234Page - SPANSION MB91F528R Datasheet HTML 235Page - SPANSION MB91F528R Datasheet HTML 236Page - SPANSION MB91F528R Datasheet HTML 237Page - SPANSION MB91F528R Datasheet HTML 238Page - SPANSION MB91F528R Datasheet HTML 239Page - SPANSION MB91F528R Datasheet HTML 240Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 241 page
background image
D at aS h ee t
208-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
28.0 × 28.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
2.55 g
Code
(Reference)
P-LFQFP208-28×28-0.50
208-pin plastic LQFP
(FPT-208P-M06)
(FPT-208P-M06)
C
2003-2010 FUJITSU SEMICONDUCTOR LIMITED F208027S-c-3-5
Details of "A" part
0.25(.010)
(Stand off)
(.004±.002)
0.10±0.05
(.024±.006)
0.60±0.15
1.50
+0.20
–0.10
+.008
–.004
.059
0°~8°
"A"
0.08(.003)
(.006±.002)
0.145±0.055
INDEX
1
LEAD No.
52
53
104
105
156
157
208
0.50(.020)
0.08(.003) M
(.009±.002)
0.22±0.05
28.00±0.10(1.102±.004)SQ
30.00±0.20(1.181±.008)SQ
(Mounting height)
*
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/package/en-search/
March 28, 2014, MB91F528_DS705-00016-1v0-E
233
CONFIDENTIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com