Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB9B210T Datasheet(PDF) 12 Page - SPANSION

No. de pieza MB9B210T
Descripción Electrónicos  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 12 Page - SPANSION

Back Button MB9B210T Datasheet HTML 8Page - SPANSION MB9B210T Datasheet HTML 9Page - SPANSION MB9B210T Datasheet HTML 10Page - SPANSION MB9B210T Datasheet HTML 11Page - SPANSION MB9B210T Datasheet HTML 12Page - SPANSION MB9B210T Datasheet HTML 13Page - SPANSION MB9B210T Datasheet HTML 14Page - SPANSION MB9B210T Datasheet HTML 15Page - SPANSION MB9B210T Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 137 page
background image
D a t a S h e e t
February 10, 2015, MB9B210T-DS706-00015-3v0-E
9
CONFIDENTIAL
 Pin Assignment
 FPT-176P-M07
(TOP VIEW)
VCC
1
132
VSS
PA0/RTO20_0/TIOA08_0/FRCK1_0
2
131
P83/UDP1
PA1/RTO21_0/TIOA09_0/IC10_0
3
130
P82/UDM1
PA2/RTO22_0/TIOA10_0/IC11_0
4
129
USBVCC1
PA3/RTO23_0/TIOA11_0/IC12_0
5
128
PF6/FRCK2_0/NMIX
PA4/RTO24_0/TIOA12_0/IC13_0/INT03_0
6
127
P20/INT05_0/CROUT_0/UHCONX1/AIN1_1/MAD18_0
PA5/RTO25_0/TIOA13_0/INT10_2
7
126
P21/SIN0_0/INT06_1/BIN1_1
P05/TRACED0/TIOA05_2/SIN4_2/INT00_1
8
125
P22/AN31/SOT0_0/TIOB07_1/ZIN1_1
P06/TRACED1/TIOB05_2/SOT4_2/INT01_1
9
124
P23/AN30/SCK0_0/TIOA07_1/RTO00_1
P07/TRACED2/ADTG_0/SCK4_2
10
123
P24/AN29/SIN2_1/INT01_2/RTO01_1/MAD17_0
P08/TRACED3/TIOA00_2/CTS4_2
11
122
P25/AN28/SOT2_1/RTO02_1/MAD16_0
P09/TRACECLK/TIOB00_2/RTS4_2/DTTI2X_0
12
121
P26/AN27/SCK2_1/RTO03_1/MAD15_0
P50/INT00_0/AIN0_2/SIN3_1/RTO10_0/IC20_0/MOEX_0
13
120
P27/AN26/INT02_2/RTO04_1/MAD14_0
P51/INT01_0/BIN0_2/SOT3_1/RTO11_0/IC21_0/MWEX_0
14
119
P28/AN25/ADTG_4/INT09_0/RTO05_1/MAD13_0
P52/INT02_0/ZIN0_2/SCK3_1/RTO12_0/IC22_0/MDQM0_0
15
118
P29/AN24/MAD12_0
P53/SIN6_0/TIOA01_2/INT07_2/RTO13_0/IC23_0/MDQM1_0
16
117
PB7/AN23/TIOB12_1/INT23_0/ZIN2_2
P54/SOT6_0/TIOB01_2/RTO14_0/MALE_0
17
116
PB6/AN22/TIOA12_1/SCK0_2/INT22_0/BIN2_2
P55/SCK6_0/ADTG_1/RTO15_0/MRDY_0
18
115
PB5/AN21/TIOB11_1/SOT0_2/INT21_0/AIN2_2
P56/SIN1_0/INT08_2/TIOA09_2/DTTI1X_0/MNALE_0
19
114
PB4/AN20/TIOA11_1/SIN0_2/INT20_0
P57/SOT1_0/TIOB09_2/INT16_1/MNCLE_0
20
113
PB3/AN19/TIOB10_1/INT19_0
P58/SCK1_0/TIOA11_2/INT17_1/MNWEX_0
21
112
PB2/AN18/TIOA10_1/SCK7_2/INT18_0
P59/SIN7_0/TIOB11_2/INT09_2/MNREX_0
22
111
PB1/AN17/TIOB09_1/SOT7_2/INT17_0
P5A/SOT7_0/TIOA13_1/INT18_1/MCSX0_0
23
110
PB0/AN16/TIOA09_1/SIN7_2/INT16_0
P5B/SCK7_0/TIOB13_1/INT19_1/MCSX1_0
24
109
VSS
P5C/TIOA06_2/INT28_0/IC20_1
25
108
AVSS
P5D/TIOB06_2/INT29_0/DTTI2X_1
26
107
AVRH
VSS
27
106
AVCC
P30/AIN0_0/TIOB00_1/INT03_2
28
105
P1F/AN15/ADTG_5/INT29_1/TIOB15_2/FRCK0_1/MAD11_0
P31/BIN0_0/TIOB01_1/SCK6_1/INT04_2
29
104
P1E/AN14/RTS4_1/INT28_1/TIOA15_2/DTTI0X_1/MAD10_0
P32/ZIN0_0/TIOB02_1/SOT6_1/INT05_2
30
103
P1D/AN13/CTS4_1/INT27_1/TIOB14_2/IC03_1/MAD09_0
P33/INT04_0/TIOB03_1/SIN6_1/ADTG_6
31
102
P1C/AN12/SCK4_1/INT26_1/TIOA14_2/IC02_1/MAD08_0
P34/FRCK0_0/TIOB04_1
32
101
P1B/AN11/SOT4_1/INT25_1/TIOB13_2/IC01_1/MAD07_0
P35/IC03_0/TIOB05_1/INT08_1
33
100
P1A/AN10/SIN4_1/INT05_1/TIOA13_2/IC00_1/MAD06_0
P36/IC02_0/SIN5_2/INT09_1/TIOA12_2/MCSX2_0
34
99
P19/AN09/SCK2_2/INT22_1/MAD05_0
P37/IC01_0/SOT5_2/INT10_1/TIOB12_2/MCSX3_0
35
98
P18/AN08/SOT2_2/INT21_1/MAD04_0
P38/IC00_0/SCK5_2/INT11_1/MCLKOUT_0
36
97
P17/AN07/SIN2_2/INT04_1/MAD03_0
P39/DTTI0X_0/ADTG_2
37
96
P16/AN06/SCK0_1/INT20_1/MAD02_0
P3A/RTO00_0/TIOA00_1
38
95
P15/AN05/SOT0_1/IC03_2/MAD01_0
P3B/RTO01_0/TIOA01_1
39
94
P14/AN04/SIN0_1/INT03_1/IC02_2/MAD00_0
P3C/RTO02_0/TIOA02_1
40
93
P13/AN03/SCK1_1/IC01_2/MCSX4_0
P3D/RTO03_0/TIOA03_1
41
92
P12/AN02/SOT1_1/IC00_2/MCSX5_0
P3E/RTO04_0/TIOA04_1
42
91
P11/AN01/SIN1_1/INT02_1/FRCK0_2/MCSX6_0
P3F/RTO05_0/TIOA05_1
43
90
P10/AN00/MCSX7_0
VSS
44
89
VCC
LQFP - 176
<Note>
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.
TIOA09_0, TIOA09_1, and TIOA09_2 cannot be used as the external startup trigger input (TGIN signal) at
I/O mode 1 (timer full mode) of the Base Timer. See "●Base Timer" in "Handling Devices" for details.