| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
V048F080T030 Datasheet(PDF) 13 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
V048F080T030 Datasheet(HTML) 13 Page - Vicor Corporation |
|
13 / 14 page ![]() PRM® Regulator Rev 3.2 vicorpower.com Page 13 of 14 07/2015 800 927.9474 P024F048T12AL Configuration Options RECOMMENDED LAND PATTERN (NO GROUNDING CLIPS) TOP SIDE SHOWN RECOMMENDED LAND PATTERN (With GROUNDING CLIPS) TOP SIDE SHOWN NOTES: 1. MAINTAIN 3.50 [0.138] DIA. KEEP-OUT ZONE FREE OF COPPER, ALL PCB LAYERS. 2. (A) MINIMUM RECOMMENDED PITCH IS 39.50 [1.555], THIS PROVIDES 7.00 [0.275] COMPONENT EDGE-TO-EDGE SPACING, AND 0.50 [0.020] CLEARANCE BETWEEN VICOR HEAT SINKS. (B) MINIMUM RECOMMENDED PITCH IS 41.00 [1.614], THIS PROVIDES 8.50 [0.334] COMPONENT EDGE-TO-EDGE SPACING, AND 2.00 [0.079] CLEARANCE BETWEEN VICOR HEAT SINKS. 3. VI CHIP® MODULE LAND PATTERN SHOWN FOR REFERENCE ONLY; ACTUAL LAND PATTERN MAY DIFFER. DIMENSIONS FROM EDGES OF LAND PATTERN TO PUSH-PIN HOLES WILL BE THE SAME FOR ALL FULL SIZE VI CHIP PRODUCTS. 4. RoHS COMPLIANT PER CST-0001 LATEST REVISION. 5. UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE MM [INCH]. TOLERANCES ARE: X.X [X.XX] = ±0.3 [0.01] X.XX [X.XXX] = ±0.13 [0.005] 6. PLATED THROUGH HOLES FOR GROUNDING CLIPS (33855) SHOWN FOR REFERENCE. HEAT SINK ORIENTATION AND DEVICE PITCH WILL DICTATE FINAL GROUNDING SOLUTION. Figure 23 — Hole location for push pin heat sink relative to VI Chip |