Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PI7C8150BMA-33 Datasheet(PDF) 34 Page - Pericom Semiconductor Corporation

No. de pieza PI7C8150BMA-33
Descripción Electrónicos  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 34 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 38Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 34 of 107
April 2015 – Revision 2.1
The bus command on CBE_L is a configuration write command.
When PI7C8150B initiates the transaction on the target interface, the bus command is
changed from configuration write to special cycle. The address and data are for-warded
unchanged. Devices that use special cycles ignore the address and decode only the bus
command. The data phase contains the special cycle message. The transaction is
forwarded as a delayed transaction, but in this case the target response is not forwarded
back (because special cycles result in a master abort). Once the transaction is completed on
the target bus, through detection of the master abort condition, PI7C8150B responds with
TRDY_L to the next attempt of the con-figuration transaction from the initiator. If more
than one data transfer is requested, PI7C8150B responds with a target disconnect operation
during the first data phase.
3.8
TRANSACTION TERMINATION
This section describes how PI7C8150B returns transaction termination conditions back to
the initiator.
The initiator can terminate transactions with one of the following types of termination:
Normal termination
Normal termination occurs when the initiator de-asserts FRAME_L at the beginning of the
last data phase, and de-asserts IRDY# at the end of the last data phase in conjunction with
either TRDY_L or STOP_L assertion from the target.
Master abort
A master abort occurs when no target response is detected. When the initiator does not
detect a DEVSEL_L from the target within five clock cycles after asserting FRAME_L, the
initiator terminates the transaction with a master abort. If FRAME_L is still asserted, the
initiator de-asserts FRAME_L on the next cycle, and then de-asserts IRDY_L on the
following cycle. IRDY_L must be asserted in the same cycle in which FRAME_L de-
asserts. If FRAME_L is already de-asserted, IRDY_L can be de-asserted on the next clock
cycle following detection of the master abort condition.
The target can terminate transactions with one of the following types of termination:
Normal termination
TRDY_L and DEVSEL_L asserted in conjunction with FRAME_L de-asserted and
IRDY_L asserted.
Target retry
STOP_L and DEVSEL_L asserted with TRDY_L de-asserted during the first data phase.
No data transfers occur during the transaction. This transaction must be repeated.
Target disconnect with data transfer
STOP_L, DEVSEL_L and TRDY_L asserted. It signals that this is the last data transfer of
the transaction.
Target disconnect without data transfer
STOP_L and DEVSEL_L asserted with TRDY_L de-asserted after previous data transfers
have been made. Indicates that no more data transfers will be made during this transaction.
Target abort
15-0048