Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PI5PD2556 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

No. de pieza PI5PD2556
Descripción Electrónicos  Precision Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2556 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI5PD2556 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0011
PT0497-4
08/31/15
10
PI5PD2556/2557
Precision Adjustable
Current-Limited Power Switch
Select the closest 1% resistor less than the calculated value: RILIM = 33.2 kΩ. This sets the minimum current-limit
threshold at 3000 mA . Use the IOS equations, Figure 7, and the previously calculated value for RILIM to
calculate the maximum resulting current-limit threshold.
The resulting maximum current-limit threshold is 3592 mA with a 33.2 kΩ resistor.
Application 2: Designing Below a Maximum Current Limit
Some applications require that current limiting must occur below a certain threshold. For this example, assume
that the desired upper current-limit threshold must be below 5000 mA to protect an up-stream power supply. Use
the IOS equations and Figure 7 to select RILIM.
Select the closest 1% resistor greater than the calculated value: RILIM = 23.7kΩ. This sets the maximum
current-limit threshold at 5000 mA . Use the IOS equations, Figure 7, and the previously calculated value for
RILIM to calculate the minimum resulting current-limit threshold.
The resulting minimum current-limit threshold is 4316 mA with a 23.7 kΩ resistor
Accounting For resistor Tolerance
The previous sections described the selection of RILIM given certain application requirements and the importance of
understanding the current-limit threshold tolerance. The analysis focused only on the PI5PD2556/57 performance and assumed an
exact resistor value. However, resistors sold in quantity are not exact and are bounded by an upper and lower tolerance centered
around a nominal resistance. The additional RILIM resistance tolerance directly affects the current-limit threshold accuracy at a
system level. The following table shows a process that accounts for worst-case resistor tolerance assuming 1% resistor values.
Step one follows the selection process outlined in the application examples above. Step two determines the upper and lower
resistance bounds of the selected resistor. Step three uses the upper and lower resistor bounds in the IOS equations to calculate the
threshold limits. It is important to use tighter tolerance resistors, e.g. 0.5% or 0.1%, when precision current limiting is desired.
Table 1. Common RILIM Resistor Selections
Desired Nominal
Current Limit (mA)
Ideal
Resistor
(kΩ)
Closet 1%
Resistor
(kΩ)
Resistor Tolerance
Actual Limits
1% Low (kΩ)
1% High(kΩ)
Ios Min
(mA)
Ios Nor
(mA)
Ios Max
(mA)
750
146.9
147
145.5
148.5
605
749
886
1000
110.2
110
108.9
111.1
825
1002
1166
1250
88.2
88.7
87.8
89.6
1039
1244
1430
1500
73.6
73.2
72.5
73.9
1276
1508
1725
1750
63.1
63.4
62.8
64
1489
1742
1965
2000
55.2
54.9
54.4
55.4
1737
2012
2252
2250
49.1
48.7
48.2
49.2
1975
2269
2523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com