Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC12062CIVF Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC12062CIVF
Descripción Electrónicos  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062CIVF Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC12062CIVF Datasheet HTML 12Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 13Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 14Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 15Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 16Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 17Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 18Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 19Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Applications Information (Continued)
edge) of an MM74HC4538 one-shot The 1k resistor and 12
pF capacitor set the pulse length to approximately 100 ns
The SH pulse stream for the converter appears on the Q
output of the HC4538 This is the SH clock generator used
on the ADC12062EVAL evaluation board For lower power
a CMOS inverter-based crystal oscillator can be used in
place of the DIP crystal oscillator See Application Note
AN-340 in the National Semiconductor CMOS Logic Data-
book for more information on CMOS crystal oscillators
80 COMMON APPLICATION PITFALLS
Driving inputs (analog or digital) outside power supply
rails
The Absolute Maximum Ratings state that all inputs
must be between GND b 300 mV and VCC a 300 mV This
rule is most often broken when the power supply to the
converter is turned off but other devices connected to it (op
amps microprocessors) still have power Note that if there
is no power to the converter DGND e AGND e DVCC e
AVCC e 0V so all inputs should be within g300 mV of
AGND and DGND
Driving a high capacitance digital data bus
The more
capacitance the data bus has to charge for each conver-
sion the more instantaneous digital current required from
DVCC and DGND These large current spikes can couple
back to the analog section decreasing the SNR of the con-
verter While adequate supply bypassing and separate ana-
log and digital ground planes will reduce this problem buff-
ering the digital data outputs (with a pair of MM74HC541s
for example) may be necessary if the converter must drive a
heavily loaded databus
90 APPLICATIONS
2’s Complement Output
TLH11490 – 24
Ping-Ponging between VIN1 and VIN2
TLH11490 – 25
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20