Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KK-1.8V Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

No. de pieza KK-1.8V
Descripción Electrónicos  1.8V CMOS 32.768kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

KK-1.8V Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  KK-1.8V Datasheet HTML 1Page - Pericom Semiconductor Corporation KK-1.8V Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
All specifications are subject to change without notice.
KK 1.8V REV A
2011_DEC 07
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888 • www.saronix-ecera.com
1.8V CMOS 32.768kHz
KK Series 1.8V CMOS kHz Crystal Oscillator
3.2 x 2.5mm
KK
KN Series Real Time Clock Oscillator
7.0x5.0mm (XO)
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
Product Features
•32.768 kHz
•1.8V CMOS compatible logic levels
•Low power standby mode (< 10µA)
•Low power active mode (<0.17mA typ.)
•Designed for standard reflow and washing
techniques
•Pb-free and RoHS/Green compliant
Product Description
The KK Series real time clock oscillator
achieves superb stability over a broad range
of operating conditions. The output clock
signal is compatible with LVCMOS/LVTTL logic
levels. The device, available on tape and reel,
is contained in a 3.2 x 2.5mm surface-mount
ceramic package.
Applications
Real-Time Clock Oscillator
Package: (Dimensions are in mm)
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
Recommended Land Pattern:
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
3.2 x 2.5mm Ceramic SMD
Part Ordering Information:
KN XXX YYYY
Product�Family
XXX = Frequency�Code
YYYY = Specification�Code
Following the above format, SaRonix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
K
11-0035


Número de pieza similar - KK-1.8V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JMK Inc.
KK-1151-20 JMK-KK-1151-20 Datasheet
202Kb / 1P
The 1151 filter is a very compact, single phase, high current device with very good common mode and differential mode insertion loss
KK-1151-30 JMK-KK-1151-30 Datasheet
202Kb / 1P
The 1151 filter is a very compact, single phase, high current device with very good common mode and differential mode insertion loss
KK-1151-36 JMK-KK-1151-36 Datasheet
202Kb / 1P
The 1151 filter is a very compact, single phase, high current device with very good common mode and differential mode insertion loss
KK-1222-25 JMK-KK-1222-25 Datasheet
235Kb / 1P
Operating voltage = 18 - 36 VDC Operating current (max) = 25 amperes
KK-1222-32 JMK-KK-1222-32 Datasheet
246Kb / 1P
Operating voltage = 18 - 36 VDC Operating current (max) = 32 amperes
More results

Descripción similar - KK-1.8V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
KD-1.8V PERICOM-KD-1.8V Datasheet
602Kb / 2P
1.8V CMOS 32.768kHz
KD-2.5V PERICOM-KD-2.5V Datasheet
609Kb / 2P
2.5V CMOS 32.768kHz
KJ-1.8V PERICOM-KJ-1.8V Datasheet
662Kb / 2P
1.8V CMOS 32.768kHz
KK-2.5V PERICOM-KK-2.5V Datasheet
593Kb / 2P
2.5V CMOS 32.768kHz
KM-1.8V PERICOM-KM-1.8V Datasheet
649Kb / 2P
1.8V CMOS 32.768kHz
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
1.8V CMOS 32.768kHz
KX201 PERICOM-KX201 Datasheet
662Kb / 2P
CMOS 32.768kHz
KX251 PERICOM-KX251 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX321 PERICOM-KX321 Datasheet
646Kb / 2P
CMOS 32.768kHz
KX501 PERICOM-KX501 Datasheet
704Kb / 2P
CMOS 32.768kHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com