| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LS7366R Datasheet(PDF) 16 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7366R Datasheet(HTML) 16 Page - LSI Computer Systems |
|
16 / 17 page ![]() #define READ_CNTR 0x60 #define READ_OTR 0x68 #define READ_STR 0x70 #define WRITE_MDR1 0x90 #define WRITE_MDR0 0x88 #define WRITE_DTR 0x98 #define LOAD_CNTR 0xE0 #define LOAD_OTR 0xE4 #define Slave_Select_Low PORTB &= ~(1 << PB4) #define Slave_Select_High PORTB |= (1 << PB4) /*Configure and initialize the SPI on PortB of uC*/ void init_spi_master(void) { SPCR = (0<<SPE); // Disable SPI until PortB configuration /* Port B (DDRB) PB7/SCK, PB5/MOSI, PB4/!SS outputs */ DDRB = (1<<DDB7)|(1<<DDB5)|(1<<DDB4); // Define Outputs Slave_Select_High; // Disable Slave Select /*** SPCR configuration*** *** CPOL = 0, CPHA = 0, Mode0*** *** DORD = 0, MSB first*** *** MSTR = 1, Master*** ***SPE = 1, SPI enabled*** ***SCK frequency = fosc/4***/ SPCR = (1<<SPE)|(1<<MSTR); } void load_rst_reg(unsigned char op_code) //dataless write command { unsigned char spi_data; Slave_Select_High; // Keep SS/ High for LS7366 deselect Slave_Select_Low; // Switch SS/ low for new command SPDR = op_code; // Send command to LS7366 while (!(SPSR & (1<<SPIF))) // Wait for end of the transmission { }; spi_data = SPDR; // Reset SPIF Slave_Select_High; // Switch SS/ high for end of command } void singleByteWrite(unsigned char op_code, unsigned char data) //single byte write command { unsigned char spi_data; Slave_Select_High; // Keep SS/ High for LS7366 deselect Slave_Select_Low; // Switch SS/ low for new command SPDR = op_code; // Send command to LS7366 while (!(SPSR & (1<<SPIF))) // Wait for end of the transmission { }; spi_data = SPDR; // Reset SPIF SPDR = data; // Send data to be written to LS7366 register while (!(SPSR & (1<<SPIF))) // Wait for end of the transmission 7366R-080511-16 |