| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLP240GF Datasheet(PDF) 8 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP240GF Datasheet(HTML) 8 Page - Toshiba Semiconductor |
|
8 / 17 page ![]() TLP240G,TLP240GF 8 16. 16. 16. 16. Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) Unit: mm TLP240G Fig. Fig. Fig. Fig. 16.1 16.1 16.1 16.1 Lead forming and taping option Lead forming and taping option Lead forming and taping option Lead forming and taping option (LF1), (TP1), (LF5), (TP5) TLP240GF Fig. Fig. Fig. Fig. 16.2 16.2 16.2 16.2 Lead forming and taping option Lead forming and taping option Lead forming and taping option Lead forming and taping option (LF4), (TP4) 17. 17. 17. 17. Marking (Note) Marking (Note) Marking (Note) Marking (Note) TLP240G TLP240GF Note: A different marking is used for photocouplers that have been qualified according to option (D4) of EN60747. See Fig.18.3 and Fig.18.4. 2015-09-10 Rev.3.0 ©2015 Toshiba Corporation |