| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
54LS153W Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54LS153W Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6393 June 1989 54LS153DM54LS153DM74LS153 Dual 4-Line to 1-Line Data SelectorsMultiplexers General Description Each of these data selectorsmultiplexers contains invert- ers and drivers to supply fully complementary on-chip bina- ry decoding data selection to the AND-OR-invert gates Separate strobe inputs are provided for each of the two four-line sections Features Y Permits multiplexing from N lines to 1 line Y Performs at parallel-to-serial conversion Y Strobe (enable) line provided for cascading (N lines to n lines) Y High fan-out low impedance totem pole outputs Y Typical average propagation delay times From data 14 ns From strobe 19 ns From select 22 ns Y Typical power dissipation 31 mW Y Alternate MilitaryAerospace device (54LS153) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6393 – 1 Order Number 54LS153DMQB 54LS153FMQB 54LS153LMQB DM54LS153J DM54LS153W DM74LS153M or DM74LS153N See NS Package Number E20A J16A M16A N16E or W16A Logic Diagram TLF6393 – 2 Function Table Select Data Inputs Strobe Output Inputs B A C0 C1 C2 C3 G Y X X XXXX H L LL L X X X L L LL H X X X L H LH X L X X L L LH X H X X L H HL X X L X L L HL X X H X L H HH X X X L L L HH X X X H L H Select inputs A and B are common to both sections H e High Level L e Low Level X e Don’t Care C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - 54LS153W |
|
Descripción similar - 54LS153W |