Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP211 Datasheet(PDF) 14 Page - Sipex Corporation

No. de pieza SP211
Descripción Electrónicos  5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP211 Datasheet HTML 7Page - Sipex Corporation SP211 Datasheet HTML 8Page - Sipex Corporation SP211 Datasheet HTML 9Page - Sipex Corporation SP211 Datasheet HTML 10Page - Sipex Corporation SP211 Datasheet HTML 11Page - Sipex Corporation SP211 Datasheet HTML 12Page - Sipex Corporation SP211 Datasheet HTML 13Page - Sipex Corporation SP211 Datasheet HTML 14Page - Sipex Corporation SP211 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
© Copyright 2000 Sipex Corporation
14
ORDERING INFORMATION
RS-232 Transceivers:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP207CA .......... 5 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP207CP .......... 5 ............................. 3 ................................ 0°C to +70°C ...................... 24–pin Plastic DIP
SP207CT .......... 5 ............................. 3 ................................ 0°C to +70°C ............................... 24–pin SOIC
SP207EA .......... 5 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP207EP .......... 5 ............................. 3 ............................ –40°C to +85°C ...................... 24–pin Plastic DIP
SP207ET .......... 5 ............................. 3 ............................ –40°C to +85°C ............................... 24–pin SOIC
SP208CA .......... 4 ............................. 4 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP208CP .......... 4 ............................. 4 ................................ 0°C to +70°C ...................... 24–pin Plastic DIP
SP208CT .......... 4 ............................. 4 ................................ 0°C to +70°C ............................... 24–pin SOIC
SP208EA .......... 4 ............................. 4 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP208EP .......... 4 ............................. 4 ............................ –40°C to +85°C ...................... 24–pin Plastic DIP
SP208ET .......... 4 ............................. 4 ............................ –40°C to +85°C ............................... 24–pin SOIC
RS-232 Transmitters:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP204CP .......... 4 ............................. 0 ................................ 0°C to +70°C ...................... 16–pin Plastic DIP
SP204CT .......... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin SOIC
SP204EP .......... 4 ............................. 0 ............................ –40°C to +85°C ...................... 16–pin Plastic DIP
SP204ET .......... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin SOIC
RS-232 Transmitters with Low–Power Shutdown:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP200CP .......... 5 ............................. 0 ................................ 0°C to +70°C ...................... 20–pin Plastic DIP
SP200CT .......... 5 ............................. 0 ................................ 0°C to +70°C ............................... 20–pin SOIC
SP200EP .......... 5 ............................. 0 ............................ –40°C to +85°C ...................... 20–pin Plastic DIP
SP200ET .......... 5 ............................. 0 ............................ –40°C to +85°C ............................... 20–pin SOIC
RS-232 Transceivers with Low–Power Shutdown and Tri–state Enable:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP205CP .......... 5 ............................. 5 ................................ 0°C to +70°C ... 24–pin Plastic Double–Width DIP
SP205EP .......... 5 ............................. 5 ............................ –40°C to +85°C ... 24–pin Plastic Double–Width DIP
SP206CA .......... 4 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP
SP206CP .......... 4 ............................. 3 ................................ 0°C to +70°C ...................... 24–pin Plastic DIP
SP206CT .......... 4 ............................. 3 ................................ 0°C to +70°C ............................... 24–pin SOIC
SP206EA .......... 4 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP
SP206EP .......... 4 ............................. 3 ............................ –40°C to +85°C ...................... 24–pin Plastic DIP
SP206ET .......... 4 ............................. 3 ............................ –40°C to +85°C ............................... 24–pin SOIC
SP211CA .......... 4 ............................. 5 ................................ 0°C to +70°C .............................. 28–pin SSOP
SP211CT .......... 4 ............................. 5 ................................ 0°C to +70°C ............................... 28–pin SOIC
SP211EA .......... 4 ............................. 5 ............................ –40°C to +85°C .............................. 28–pin SSOP
SP211ET .......... 4 ............................. 5 ............................ –40°C to +85°C ............................... 28–pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15