Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP207E Datasheet(PDF) 10 Page - Sipex Corporation

No. de pieza SP207E
Descripción Electrónicos  5V High Performance RS232 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207E Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP207E Datasheet HTML 6Page - Sipex Corporation SP207E Datasheet HTML 7Page - Sipex Corporation SP207E Datasheet HTML 8Page - Sipex Corporation SP207E Datasheet HTML 9Page - Sipex Corporation SP207E Datasheet HTML 10Page - Sipex Corporation SP207E Datasheet HTML 11Page - Sipex Corporation SP207E Datasheet HTML 12Page - Sipex Corporation SP207E Datasheet HTML 13Page - Sipex Corporation SP207E Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
© Copyright 2000 Sipex Corporation
10
R
RS
S and
and R
RV
V add up to 330
add up to 330
Ω ffor IEC1000-4-2.
or IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
Contact-Discharge Module
R
RV
V
R
RC
C
C
CS
S
R
RS
S
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
Figure 8. ESD Test Circuit for IEC1000-4-2
Figure 9. ESD Test Waveform for IEC1000-4-2
With the Air Discharge Method, an ESD voltage is
applied to the equipment under test (EUT) through
air. This simulates an electrically charged person
ready to connect a cable onto the rear of the system
only to find an unpleasant zap just before the
person touches the back panel. The high energy
potential on the person discharges through an
arcing path to the rear panel of the system before he
or she even touches the system. This energy,
whether discharged directly or through air, is
predominantly a function of the discharge current
rather than the discharge voltage. Variables with
an air discharge such as approach speed of the
object carrying the ESD potential to the system
and humidity will tend to change the discharge
current. For example, the rise time of the discharge
current varies with the approach speed.
The Contact Discharge Method applies the ESD
current directly to the EUT. This method was
devised to reduce the unpredictability of the ESD
arc. The discharge current rise time is constant
since the energy is directly transferred without the
air-gaparc. Insituationssuchashandheldsystems,
the ESD charge can be directly discharged to the
equipment from a person already holding the
equipment. The current is transferred on to the
keypad or the serial port of the equipment directly
andthentravelsthroughthePCBandfinallytotheIC.
The circuit model in Figures 7 and 8 represent the
typical ESD testing circuit used for all three
methods. The CS is initially charged with the DC
power supply when the first switch (SW1) is on.
Now that the capacitor is charged, the second
switch (SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then applied
through RS, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under test
receives a duration of voltage.
t=0ns
t=30ns
0A
15A
30A
t ¥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com