Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5404F Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADG5404F
Descripción Electrónicos  Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5404F Datasheet(HTML) 4 Page - Analog Devices

  ADG5404F Datasheet HTML 1Page - Analog Devices ADG5404F Datasheet HTML 2Page - Analog Devices ADG5404F Datasheet HTML 3Page - Analog Devices ADG5404F Datasheet HTML 4Page - Analog Devices ADG5404F Datasheet HTML 5Page - Analog Devices ADG5404F Datasheet HTML 6Page - Analog Devices ADG5404F Datasheet HTML 7Page - Analog Devices ADG5404F Datasheet HTML 8Page - Analog Devices ADG5404F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADG5404F
Data Sheet
Rev. B | Page 4 of 30
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
400
ns typ
RL = 300 Ω, CL = 35 pF
540
555
570
ns max
VS = 10 V, see Figure 47
tON (EN)
430
ns typ
RL = 300 Ω, CL = 35 pF
535
555
575
ns max
VS = 10 V, see Figure 46
tOFF (EN)
180
ns typ
RL = 300 Ω, CL = 35 pF
225
230
235
ns max
VS = 10 V, see Figure 46
Break-Before-Make Time
Delay, tD
320
ns typ
RL = 300 Ω, CL = 35 pF
185
ns min
VS = 10 V, see Figure 45
Overvoltage Response Time,
tRESPONSE
600
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 40
775
820
840
ns max
Overvoltage Recovery Time,
tRECOVERY
700
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 41
1000
1050
1100
ns max
Interrupt Flag Response
Time, tDIGRESP
85
115
ns typ
CL = 12 pF, see Figure 42
Interrupt Flag Recovery
Time, tDIGREC
60
85
µs typ
CL = 12 pF, see Figure 43
600
ns typ
CL = 12 pF, RPULLUP = 1 kΩ, see Figure 44
Charge Injection, QINJ
680
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see Figure 48
Off Isolation
−72
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 34
Channel to Channel Crosstalk
−72
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 35
Total Harmonic Distortion Plus
Noise, THD + N
0.001
% typ
RL = 10 kΩ, VS = 15 V p-p, f = 20 Hz to 20 kHz, see
Figure 39
−3 dB Bandwidth
108
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 38
Insertion Loss
−0.9
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 38
Source Capacitance (CS), Off
11
pF typ
VS = 0 V, f = 1 MHz
Drain Capacitance (CD), Off
51
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
63
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 16.5 V, VSS = −16.5 V, GND = 0 V, digital inputs =
0 V, 5 V, or VDD
Normal Mode
IDD
0.9
mA typ
1.2
1.3
mA max
IGND
0.4
mA typ
0.55
0.6
mA max
ISS
0.5
mA typ
0.65
0.7
mA max
Fault Mode
VS = ±55 V
IDD
1.2
mA typ
1.6
1.8
mA max
IGND
0.8
mA typ
1.0
1.1
mA max
ISS
0.5
mA typ
Digital inputs = 5 V
1.0
1.8
mA max
VS = ±55 V, VD = 0 V
VDD/VSS
±5
V min
GND = 0 V
±22
V max
GND = 0 V
1
Guaranteed by design. Not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com