Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA8282CP-EBZ Datasheet(PDF) 17 Page - Analog Devices

No. de pieza ADA8282CP-EBZ
Descripción Electrónicos  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA8282CP-EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA8282CP-EBZ Datasheet HTML 13Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 14Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 15Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 16Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 17Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 18Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 19Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 20Page - Analog Devices ADA8282CP-EBZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 17 of 21
REGISTER MAP
REGISTER SUMMARY
Table 12. Register Summary
Reg. Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00 INTF_CONFA
[7:0]
INTF_CONFA2
LSBFIRST1
INTF_CONFA1
LSBFIRST0
INTF_CONFA0
0x00
RW
0x01 SOFT_RESET
[7:0]
Unused
SOFT_RESET
0x00
R
0x04 CHIP_ID1
[7:0]
CHIP_IDLOW
0x82
R
0x05 CHIP_ID2
[7:0]
CHIP_IDHI
0x82
R
0x06 Revision
[7:0]
Revision
0x00
R
0x10 LNA_OFFSET0 [7:0]
Unused
LNA_OFFSET0
0x20
RW
0x11 LNA_OFFSET1 [7:0]
Unused
LNA_OFFSET1
0x20
RW
0x12 LNA_OFFSET2 [7:0]
Unused
LNA_OFFSET2
0x20
RW
0x13 LNA_OFFSET3 [7:0]
Unused
LNA_OFFSET3
0x20
RW
0x14 BIAS_SEL
[7:0]
Unused
PGA_BIAS_SEL
LNA_BIAS_SEL
0x0A RW
0x15 PGA_GAIN
[7:0]
PGA_GAIN3
PGA_GAIN2
PGA_GAIN1
PGA_GAIN0
0x00
RW
0x17 EN_CHAN
[7:0]
Unused
EN_
CHANNEL3
EN_
CHANNEL2
EN_
CHANNEL1
EN_
CHANNEL0
0x00
RW
0x18 EN_BIAS_GEN [7:0]
Unused
EN_BIAS_GEN 0x00
RW
0x1D SPAREWR0
[7:0]
Unused
GPIO_WRITE GPIO_WR_
MODE
0x00
RW
0x1E SPARERD0
[7:0]
Unused
GPIO_READ
0x00
R
REGISTER DETAILS
Register 0x00: Interface Configuration Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INTF_CONFA2
LSBFIRST1
INTF_CONFA1
LSBFIRST0
INTF_CONFA0
The INTF_CONFA configuration register is symmetric, as it is the first register written and sets the data direction (LSB first or MSB first).
Table 13. INTF_CONFA Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
INTF_CONFA2
INTF_CONFA2 must remain b’00.
0x00
RW
5
LSBFIRST1
LSBFIRST1 must be set to b’1 for LSB first operation and to b’0 for MSB first operation.
0x00
RW
[4:3]
INTF_CONFA1
INTF_CONFA1 must remain b’00.
0x00
RW
2
LSBFIRST0
LSBFIRST0 must be set to b’1 for LSB first operation and to b’0 for MSB first operation.
0x00
RW
[1:0]
INTF_CONFA0
INTF_CONFA0 must remain b’00.
0x00
RW
Register 0x01: Soft Reset Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
SOFT_RESET
Table 14. SOFT_RESET Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
0
SOFT_RESET
The SOFT_RESET bit resets all registers to their default values when SOFT_RESET is set to b’1.
0x00
RW
Register 0x04: Chip ID Low Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CHIP_IDLOW
Table 15. CHIP_IDLOW Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIP_IDLOW
The CHIP_ID1 and CHIP_ID2 registers identify the ADA8282.
0x82
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21