| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FS-2000B-18 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
FS-2000B-18 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology |
|
5 / 8 page ![]() SIGNAL & CONTROL SOLUTIONS 5 Aeroflex Signal & Control Solutions www.aeroflex.com/ASCS • ascs-sales@aeroflex.com Revision Date: 8/21/2013 FS2000 Series Fast Switching Synthesizer Specifications FREQUENCY: Accuracy and Stability: Same as Reference Oscillator Reference Oscillator: Internal: 10 MHz Quartz Oscillator Aging rate 5 x 10-9/day after 24 hours (in normal operating environment) External: Any 5 MHz or 10 MHz Frequency Standard at a level of 0 dBm + 2 dB Frequency Switching Speed: 1 msec maximum for any step size between any two frequencies. Amplitude Settling Time 2 msec maximum; to be within +2 dB of final amplitude. Model Resolution FS-2000-2, -4: 1.0 Hz Standard 0.1 Hz Option 101 FS-2000-9: 2.0 Hz Standard 0.2 Hz Option 101 FS-2000-18: 4.0 Hz Standard 0.4 Hz Option 101 Model Range FS-2000 A/B-2 50 MHz to 2300 MHz (2299,999999 MHz) FS-2000 A/B-4 50 MHz to 4000 MHz (3999,999999 MHz)* FS-2000 A/B-9 50 MHz to 9200 MHz (9199,999998 MHz) FS-2000 A/B-18 50 MHz to 18400 MHz (18399,999996 MHz) *Option 112 extends upper frequency to 4600 MHz (4599,999999 MHz) Spectral Purity: Absolute SSB Phase Noise in dBc/Hz (includes noise at internal reference) Offset from Carrier Carrier Frequency 100 MHz 600 MHz 1.2 GHz 2.4 GHz 4.6 GHz 9.2 GHz 18.4 GHz 10 Hz 100 85 79 73 67 61 55 100 Hz 113 98 92 86 80 74 68 1 kHz 128 113 107 101 95 89 83 20 kHz 145 138 132 126 122 116 110 100 kHz 147 140 134 128 122 116 110 10 MHz 147 140 134 128 122 116 110 40 MHz 147 140 134 128 122 116 110 |