| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UT54ACS190 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACS190 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 10 page ![]() 2 FUNCTION TABLE LOGIC SYMBOL LOGIC DIAGRAM Function LOAD CTEN D/U CLK Count up H L L ↑ Count down H L H ↑ Asynchronous Reset L X X X No change H H X X (4) CTEN (5) D/U M3 (UP) G CTRDIV 10 (14) CLK (15) A (1) B (10) C (9) D (12) MAX/MIN (3) QA (7) QD 1,2 -/1,3+ (6) QC (2) QB 5D (1) (2) (4) (8) 2(CT=0) M2 (DOWN) G4 3(CT=9)Z6 (11) LOAD C5 (13) RCO 6,1,4 Note: 1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC Publication 617-12. ±7 (14) (5) (15) (4) (1) (10) (13) (12) (3) (2) (6) (7) RCO QA QB QC QD (9) (11) LOAD CTEN CLK D/U MAX/MIN A B C D R S J Q C K Q R J Q C K Q S R S J Q C K Q R S J Q C K Q |