| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1765T Datasheet(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC1765T Datasheet(HTML) 13 Page - Infineon Technologies AG |
|
13 / 88 page ![]() TC1765 Data Sheet 9 V1.2, 2002-12 Preliminary AN[23:0] AN0 AN1 AN2 AN3 AN4 AN5 AN6 AN7 AN8 AN9 AN10 AN11 AN12 AN13 AN14 AN15 AN16 AN17 AN18 AN19 AN20 AN21 AN22 AN23 A7 D6 B6 D5 A6 B5 C5 A5 A3 C4 C3 B3 D3 D4 E4 E3 A2 A1 B2 B1 C2 F4 F3 D2 I I I I I I I I I I I I I I I I I I I I I I I I ADC Analog Input Port The ADC Analog Input Port provides 24 analog input lines for the A/D converters ADC0 and ADC1. Analog input 0 Analog input 1 Analog input 2 Analog input 3 Analog input 4 Analog input 5 Analog input 6 Analog input 7 Analog input 8 Analog input 9 Analog input 10 Analog input 11 Analog input 12 Analog input 13 Analog input 14 Analog input 15 Analog input 16 Analog input 17 Analog input 18 Analog input 19 Analog input 20 Analog input 21 Analog input 22 Analog input 23 Table 1 Pin Definitions and Functions (cont’d) Symbol Pin In Out Functions |