| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SX8661Z Datasheet(PDF) 10 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8661Z Datasheet(HTML) 10 Page - Semtech Corporation |
|
10 / 87 page ![]() ADVANCED COMMUNICATIONS & SENSING DATASHEET Revision v4.0, February 2016 © 2012 Semtech Corp. www.semtech.com 10 SX8661Z Low Power, Capacitive Button Touch and Proximity Controller (8 sensors) with LED Drivers and Analog Output Parameter Symbol Conditions Min. Typ. Max. Unit Recommended External components capacitor between VDIG, GND Cvdig type 0402, tolerance +/-50% 100 nF capacitor between VANA, GND Cvana type 0402, tolerance +/-50% 100 nF capacitor between CP, CN Cint type 0402, COG, tolerance +/-5% 1 nF capacitor between VDD, GND Cvdd type 0402, tolerance +/-50% 270 nF Table 5 Electrical Specifications |