| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74F410 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F410 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLF9538 August 1995 54F74F410 Register Stack16x4RAM TRI-STATE Output Register General Description The ’F410 is a register-oriented high-speed 64-bit Read Write Memory organized as 16-words by 4-bits An edge- triggered 4-bit output register allows new input data to be written while previous data is held TRI-STATE outputs are provided for maximum versatility The ’F410 is fully compati- ble with all TTL families Features Y Edge-triggered output register Y Typical access time of 35 ns Y TRI-STATE outputs Y Optimized for register stack operation Y 18-pin package Y 9410 replacement Commercial Military Package Package Description Number 74F410PC N18A 18-Lead (0300 Wide) Molded Dual-In-Line 54F410DM (Note 1) J18A 18-Lead Ceramic Dual-In-Line 74F410SC M20B 20-Lead (0300 Wide) Molded Small Outline JEDEC 54F410LM W20A 20-Lead Cerpak Note 1 Military grade device with environmental and burn-in processing Use suffix e DMQB LMQB Logic Symbol TLF9538 – 3 Connection Diagrams Pin Assignment for DIP and SOIC TLF9538 – 1 Pin Assignment for LCC TLF9538 – 2 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - 74F410 |
|
Descripción similar - 74F410 |