| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EL2321-R1K Datasheet(PDF) 1 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EL2321-R1K Datasheet(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 4 page ![]() EL2321 Series www.EtherWAN.com 1 rev. A2.1 Overview The EL2321 Series provides media conversion between "10/100/1000BASE-TX" and "100BASE/1000BASE-SX-LX Fiber or 100/1000BASE-SFP Fiber." The EL2321’s fiber design is compatible to 100BASE fiber or 1000BASE fiber transceiver. The EL2321 managed media converter supports Telnet, SNMP v1/v2, and web browser management enabling value-added connectivity and bandwidth control. Key features include; 802.3ah OAM compliance, VLAN tagging, broadcast storm protection, Far-End-Fault, and Link-Fault-Pass-Through resulting in reliable communications between networks. With link down alarming and a wide range of fiber connectivity options the EL2321 is the ideal media converter for environments where connectivity is variable. Spotlight •GigabitConnectivity ◦ Auto 10/100/1000BASE-TX and 1000BASE-SX/LX/BX Ethernet transmission conversion ◦ 1000Mbps Full duplex, 10/100MBps Full/Half duplex ◦ Fiber interface supports dual rate 100BASE-FX and 1000BASE-SX/LX fiber transmission •ManagedFunctions ◦ Supports IEEE802.3ah OAM standards ◦ Supports SNMPv1, SNMPv2 ◦ Supports bandwidth control and VLAN base priority tag •SupportsDyingGasp ◦ Sends SNMP trap for device failure report EL2321Series Managed10/100/1000BASE-TXto100BASE/1000BASE-XDual RateMediaConverter SFP Option |
Número de pieza similar - EL2321-R1K |
|
Descripción similar - EL2321-R1K |