| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74F283PC Datasheet(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F283PC Datasheet(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 10 page ![]() AC Electrical Characteristics 74F 54F 74F TA ea25 C TA VCC e Mil TA VCC e Com Symbol Parameter VCC ea50V CL e 50 pF CL e 50 pF Units CL e 50 pF Min Typ Max Min Max Min Max tPLH Propagation Delay 35 70 95 35 140 35 110 ns tPHL C0 to Sn 30 70 95 30 140 30 110 tPLH Propagation Delay 30 70 95 30 170 30 130 ns tPHL An or Bn to Sn 30 70 95 30 140 30 115 tPLH Propagation Delay 30 57 75 30 105 30 85 ns tPHL C0 to C4 30 54 70 25 100 30 80 tPLH Propagation Delay 30 57 75 30 105 30 85 ns tPHL An or Bn to C4 25 53 70 25 100 25 80 Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 283 S C X Temperature Range Family Special Variations 74FeCommercial QB e Military grade device with 54FeMilitary environmental and burn-in processing Device Type X e Devices shipped in 13 reel Package Code Temperature Range P e Plastic DIP CeCommercial (0 Cto a70 C) D e Ceramic DIP MeMilitary (b55 Cto a125 C) F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline SOIC JEDEC SJ e Small Outline SOIC EIAJ 6 |