Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VL6180XV0NR Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza VL6180XV0NR
Descripción Electrónicos  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180XV0NR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VL6180XV0NR Datasheet HTML 17Page - STMicroelectronics VL6180XV0NR Datasheet HTML 18Page - STMicroelectronics VL6180XV0NR Datasheet HTML 19Page - STMicroelectronics VL6180XV0NR Datasheet HTML 20Page - STMicroelectronics VL6180XV0NR Datasheet HTML 21Page - STMicroelectronics VL6180XV0NR Datasheet HTML 22Page - STMicroelectronics VL6180XV0NR Datasheet HTML 23Page - STMicroelectronics VL6180XV0NR Datasheet HTML 24Page - STMicroelectronics VL6180XV0NR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
DocID026171 Rev 6
21/79
VL6180X
Functional description
78
2.8
Range checks
Error codes 6, 8 and 11 in Table 8 are configurable by the user. They can be
enabled/disabled via register SYSRANGE__RANGE_CHECK_ENABLES{0x2D} by setting or
clearing the appropriate bit. The register default is 0x11 i,e, ECE and SNR enabled.
2.8.1
Early convergence estimate (ECE)
Early convergence estimate (ECE) is a programmable feature designed to minimize power
consumption when there is no target in the field-of-view (FOV).
The system is said to have ‘converged’ (i.e. range acquired), when the convergence
threshold(d) is reached before the max. convergence time limit (see Figure 13). This ratio
specifies the minimum return signal rate required for convergence. If there is no target in the
FOV, the system will continue to operate until the max. convergence time limit is reached
before switching off thereby consuming power. With ECE enabled, the system estimates the
Table 8. Range error codes
Bits [7:4]
Error code
Description
Range
(mm)
0
No error
Valid measurement
0 - 200(1)
1.
Range overflow occurs typically around 200 mm.
1-5
System error
System error detected. No
measurement possible.
255
6
Early convergence estimate
ECE check failed
255
7
Max convergence
System did not converge before the
specified max. convergence time limit
255
8
Range ignore
Ignore threshold check failed
255
9-10
Not used
-
-
11
SNR
Ambient conditions too high.
Measurement invalidated
255
12
Raw range underflow
RESULT__RANGE_RAW
< 0
(because offset is programmable a
negative range result is possible)
0
13
Raw range overflow
RESULT__RANGE_RAW
is out of range.
This occurs typically around 200 mm
255
14
Range underflow
RESULT__RANGE_VAL
< 0
(because offset is programmable a
negative range result is possible)
0
15
Range overflow
RESULT__RANGE_VAL
is out of range.
This occurs typically around 200 mm
255
d.
For standard ranging, the convergence threshold is set to 15360. The convergence threshold register is not
accessible by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79