Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PEB20534 Datasheet(PDF) 21 Page - Infineon Technologies AG

No. de pieza PEB20534
Descripción Electrónicos  DMA Supported Serial Communication Controller with 4 Channels
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB20534 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button PEB20534 Datasheet HTML 17Page - Infineon Technologies AG PEB20534 Datasheet HTML 18Page - Infineon Technologies AG PEB20534 Datasheet HTML 19Page - Infineon Technologies AG PEB20534 Datasheet HTML 20Page - Infineon Technologies AG PEB20534 Datasheet HTML 21Page - Infineon Technologies AG PEB20534 Datasheet HTML 22Page - Infineon Technologies AG PEB20534 Datasheet HTML 23Page - Infineon Technologies AG PEB20534 Datasheet HTML 24Page - Infineon Technologies AG PEB20534 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 439 page
background image
PEB 20534
PEF 20534
Overview
Data Sheet
21
2000-05-30
– Programmable Preamble (8 bit) with selectable repetition rate
– Termination character detection for end of block identification
– Error detection (parity error, framing error)
• Extended Transparent Mode
– Fully bit transparent (no framing, no bit manipulation)
– Octet-aligned transmission and reception
• Protocol and Mode Independent
– Data bit inversion
– Data overflow and underrun detection
– Timer
Protocol Support
• Address Recognition Modes
– No address recognition (Address Mode 0)
– 8-bit (high byte) address recognition (Address Mode 1)
– 8-bit (low byte) or 16-bit (high and low byte) address recognition (Non Auto Mode)
• HDLC Auto Mode
– 8-bit or 16-bit address generation/recognition
– Support of LAPB/LAPD
– Automatic handling of S- and I-frames
– Automatic processing of control byte(s)
– Modulo-8 or modulo-128 operation
– Programmable time-out and retry conditions
– SDLC Normal Response Mode (NRM) operation for slave
Microprocessor Interface
• 33 MHz/32-bit PCI bus interface option.
• 33 MHz/32-bit De-multiplexed bus interface option.
• 8-channel DMA controller with buffer chaining capability.
– Master 15-word burst read and write capability (PCI Mode).
– Master 4-word burst read and write capability (DEMUX Mode).
– Slave single-word read and write capability.
• Circular interrupt queues with variable size.
• Maskable interrupts for each channel
Other Interfaces
• 8-/16-bit optional Local Bus Interface (LBI) for driving non-PCI peripherals in a PCI
environment.
• Synchronous Serial Control interface (SSC) for controlling peripherals.
• 16-bit General Purpose Port (GPP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com