Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS15L45C-Y Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STPS15L45C-Y
Descripción Electrónicos  Automotive low drop power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L45C-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPS15L45C-Y Datasheet HTML 1Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 2Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 3Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 4Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 5Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 6Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 7Page - STMicroelectronics STPS15L45C-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Doc ID018565 Rev 2
3/8
STPS15L45C-Y
Characteristics
8
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 7.5 A
-
0.52
V
Tj = 125 °C
IF = 7.5 A
-
0.40
0.46
Tj = 25 °C
IF = 12 A
-
0.60
Tj = 125 °C
IF = 12 A
-
0.49
0.57
Tj = 25 °C
IF = 15 A
-
0.64
Tj = 125 °C
IF = 15 A
-
0.53
0.63
1. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.29 x IF(AV) + 0.023 IF
2(RMS)
Table 4. Static electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Figure 1. Conduction losses versus average
current
Figure 2. Average forward current versus
ambient temperature (δ = 0.5)
Figure 3. Normalized avalanche power derating
versus pulse duration
Figure 4. Relative variation of thermal
impedance junction to ambient versus pulse
duration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com