| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74F169 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F169 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLF9488 November 1994 54F74F169 4-Stage Synchronous Bidirectional Counter General Description The ’F169 is a fully synchronous 4-stage updown counter The ’F169 is a modulo-16 binary counter Features a preset capability for programmable operation carry lookahead for easy cascading and a UD input to control the direction of counting All state changes whether in counting or parallel loading are initiated by the LOW-to-HIGH transition of the clock Features Y Asynchronous counting and loading Y Built-in lookahead carry capability Y Presettable for programmable operation Commercial Military Package Package Description Number 74F169PC N16E 16-Lead (0300 Wide) Molded Dual-In-Line 54F169DM (Note 2) J16A 16-Lead Ceramic Dual-In-Line 74F169SC (Note 1) M16A 16-Lead (0150 Wide) Molded Small Outline JEDEC 74F169SJ (Note 1) M16D 16-Lead (0300 Wide) Molded Small Outline EIAJ Note 1 Devices also available in 13 reel Use suffix e SCX and SJX Note 2 Military grade device with environmental and burn-in processing Use suffix e DMQB Logic Symbols TLF9488 – 3 IEEEIEC ’F169 TLF9488 – 9 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M75Printed in U S A |
Número de pieza similar - 74F169 |
|
Descripción similar - 74F169 |