Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STAP08DP5XTTR Datasheet(PDF) 26 Page - STMicroelectronics

No. de pieza STAP08DP5XTTR
Descripción Electrónicos  Low voltage 8-bit constant current LED sink driver with output error detection for automotive applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP08DP5XTTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STAP08DP5XTTR Datasheet HTML 20Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 21Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 22Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 23Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 24Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 25Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 26Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 27Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Package information
STAP08DP05
26/28
DocID024305 Rev 6
Table 16. HTSSOP16 tape and reel mechanical data
Dim.
(mm)
Min.
Typ.
Max.
A
330
C
12.8
13.2
D
20.2
N
60
T
22.4
Ao
6.7
6.9
Bo
5.3
5.5
Ko
1.6
1.8
Po
3.9
4.1
P7.9
8.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28