Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STRFNFCA Datasheet(PDF) 73 Page - STMicroelectronics

No. de pieza STRFNFCA
Descripción Electrónicos  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 66Page - STMicroelectronics STRFNFCA Datasheet HTML 67Page - STMicroelectronics STRFNFCA Datasheet HTML 68Page - STMicroelectronics STRFNFCA Datasheet HTML 69Page - STMicroelectronics STRFNFCA Datasheet HTML 70Page - STMicroelectronics STRFNFCA Datasheet HTML 71Page - STMicroelectronics STRFNFCA Datasheet HTML 72Page - STMicroelectronics STRFNFCA Datasheet HTML 73Page - STMicroelectronics STRFNFCA Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
STRFNFCA
Revision history
Doc ID 023077 Rev 10
73/74
Revision history
Table 50.
Document revision history
Date
Revision
Changes
15-Sep-2010
1
Initial release.
21-Sep-2010
2
Updated footnote for pin ST_R1 in Table 2: STRFNFCA pin
descriptions on page 6.
13-May-2011
3
Clarified state and mode definitions in Section 3.1: Operating
modes.
Updated example values in Section 5.2: List of commands.
Updated electrical values in Section 6: Electrical characteristics.
24-Oct-2011
4
Updated Figure 4: STRFNFCA initialization and operating state
change on page 9 and Table 44: Field detection characteristics
on page 53.
28-Oct-2011
5
Updated Figure 5: Power-up sequence on page 9.
Added Section 6.2: DC characteristics on page 47 and updated
Section 6.3: Power consumption characteristics on page 48.
10-Nov-2011
6
Updated Table 28: Default code for available reader protocols
on page 40 and Table 42: SPI interface characteristics on
page 50.
11-Apr-2012
7
Updated response to IDN command in Section 5.3.
Added optional parameter to increase maximum waiting time in
NFC Forum Tag Type 3.
Updated Section 6.3: Power consumption characteristics and
added enhanced command for reducing consumption.
10-Jul-2012
8
Updated Figure 8: Sending command to STRFNFCA on
page 12, Figure 9: Polling the STRFNFCA until it is ready on
page 12, Figure 10: Reading data from STRFNFCA on page 13
and Figure 11: Reset the STRFNFCA on page 13.
Updated Section 5.9: Idle command (0x07) description,
Section 5.11: Write Register (WrReg) command (0x09)
description, Section 6.4: SPI characteristics, Section 6.5: RF
characteristics and Appendix D: Examples of STRFNFCA
command code to activate NFC Forum and ISO/IEC 15693
tags.
26-Jul-2012
9
Changed Response example to command example in Table 14:
List of <Data> Send values for the SendRecv command for
different protocols.
16-Nov-2012
10
Changed document classification from Company Restricted
Distribution to Public.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74