Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C517A Datasheet(PDF) 21 Page - Infineon Technologies AG

No. de pieza C517A
Descripción Electrónicos  8-bit CMOS MICROCONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C517A Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button C517A Datasheet HTML 17Page - Infineon Technologies AG C517A Datasheet HTML 18Page - Infineon Technologies AG C517A Datasheet HTML 19Page - Infineon Technologies AG C517A Datasheet HTML 20Page - Infineon Technologies AG C517A Datasheet HTML 21Page - Infineon Technologies AG C517A Datasheet HTML 22Page - Infineon Technologies AG C517A Datasheet HTML 23Page - Infineon Technologies AG C517A Datasheet HTML 24Page - Infineon Technologies AG C517A Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Semiconductor Group
19
C517A
Enhanced Hooks Emulation Concept
The Enhanced Hooks Emulation Concept of the C500 microcontroller family is a new, innovative
way to control the execution of C500 MCUs and to gain extensive information on the internal
operation of the controllers. Emulation of on-chip ROM based programs is possible, too.
Each production chip has built-in logic for the supprt of the Enhanced Hooks Emulation Concept.
Therefore, no costly bond-out chips are necessary for emulation. This also ensure that emulation
and production chips are identical.
The Enhanced Hooks TechnologyTM 1), which requires embedded logic in the C500 allows the C500
together with an EH-IC to function similar to a bond-out chip. This simplifies the design and reduces
costs of an ICE-system. ICE-systems using an EH-IC and a compatible C500 are able to emulate
all operating modes of the different versions of the C500 microcontrollers. This includes emulation
of ROM, ROM with code rollover and ROMless modes of operation. It is also able to operate in
single step mode and to read the SFRs after a break.
Figure 9
Basic C500 MCU Enhanced Hooks Concept Configuration
Port 0, port 2 and some of the control lines of the C500 based MCU are used by Enhanced Hooks
Emulation Concept to control the operation of the device during emulation and to transfer
informations about the programm execution and data transfer between the external emulation
hardware (ICE-system) and the C500 MCU.
1 “Enhanced Hooks Technology“ is a trademark and patent of Metalink Corporation licensed to Siemens.
SYSCON
PCON
TCON
RESET
EA
ALE
PSEN
Port 0
Port 2
Port 1
Port 3
opt.
I/O Ports
C500
MCU
2
RPCON
RTCON
Enhanced Hooks
Interface Circuit
RSYSCON
0
RPORT RPORT
TEA TALE TPSEN
EH-IC
ICE-System interface
to emulation hardware
Target System Interface
MCS03254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72