Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SRTAG512L Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza SRTAG512L
Descripción Electrónicos  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG512L Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SRTAG512L Datasheet HTML 16Page - STMicroelectronics SRTAG512L Datasheet HTML 17Page - STMicroelectronics SRTAG512L Datasheet HTML 18Page - STMicroelectronics SRTAG512L Datasheet HTML 19Page - STMicroelectronics SRTAG512L Datasheet HTML 20Page - STMicroelectronics SRTAG512L Datasheet HTML 21Page - STMicroelectronics SRTAG512L Datasheet HTML 22Page - STMicroelectronics SRTAG512L Datasheet HTML 23Page - STMicroelectronics SRTAG512L Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
RF command sets
SRTAG512L
20/51
DocID027439 Rev 2
5.1
Structure of the command sets
The exchange of data between the RF host and the SRTAG512L uses three kinds of data
formats, called blocks:
•
I-Block (Information block): to exchange the command and the response
•
R-Block (Receive ready block): to exchange positive or negative acknowledgement
•
S-Block (Supervisory block): to use either the Deselect command or the Frame Waiting
eXtension (WTX) command or response
This section describes the structure of I-Block, R-block and S-Block. This format is used for
the application command set.
5.2
I-Block format
The I-Block is used to exchange data between the RF host and the SRTAG512L. It is
composed of three fields. Table 11 details the I-Block format.
Table 11. I-Block format
Name
SoD
Payload
EoD
PCB
DID
-
CRC
Length
1 byte
1 byte
1 to 251 bytes
2 bytes
PCB field
DID field (optional)
RF host to SRTAG512L: C-APDU
SRTAG512L to RF host: R-APDU
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51