Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

POWERSTEP01TR Datasheet(PDF) 45 Page - STMicroelectronics

No. de pieza POWERSTEP01TR
Descripción Electrónicos  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01TR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button POWERSTEP01TR Datasheet HTML 41Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 42Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 43Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 44Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 45Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 46Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 47Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 48Page - STMicroelectronics POWERSTEP01TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
DocID025022 Rev 5
45/92
powerSTEP01
Phase current control: current mode
92
Figure 21. Adaptive decay - fast decay tuning
When two or more fast decays are performed with the present target current, the control
system adds a fast decay at the end of every off-time keeping the OFF state duration
constant (tOFF is split into tOFF, SLOW and tOFF, FAST). When the current threshold is
increased by a microstep change (rising step), the system returns to normal decay mode
(slow decay only) and the tFAST value is halved.
Stopping the motor or reaching the current sinewave zero crossing causes the current
control system to return to the reset state.
reference current
1st fast decay:
Tfast = TOFF_FAST/8
2nd fast decay (*):
Tfast = TOFF_FAST/4
(*)Note: starting from 2nd fast decay the system combines
fast and slow decay during the OFF phase.
3rd fast decay:
Tfast = TOFF_FAST/2
Ton > TON_MIN
Tfast = TOFF_FAST/2
AM15050v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92