| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M93C76-DRE Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C76-DRE Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 32 page ![]() DocID028496 Rev 1 25/32 M93Cx6-DRE Package information 31 Figure 14. SO8N – 8-lead plastic small outline, 150 mils body width, package recommended footprint 1. Dimensions are expressed in millimeters. L1 - 1.040 - - 0.0409 - ccc - - 0.100 - - 0.0039 1. Values in inches are converted from mm and rounded to four decimal digits. Table 15. SO8N – 8-lead plastic small outline, 150 mils body width, package mechanical data (continued) Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. |